Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA830 Datasheet(HTML) 14 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 10Page - Texas Instruments OPA830 Datasheet HTML 11Page - Texas Instruments OPA830 Datasheet HTML 12Page - Texas Instruments OPA830 Datasheet HTML 13Page - Texas Instruments OPA830 Datasheet HTML 14Page - Texas Instruments OPA830 Datasheet HTML 15Page - Texas Instruments OPA830 Datasheet HTML 16Page - Texas Instruments OPA830 Datasheet HTML 17Page - Texas Instruments OPA830 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
−50
−55
−60
−65
−70
−75
−80
−85
−90
Load Resistance (
Ω)
100
1k
G = +2V/V
V
O = 2VPP
f = 5MHz
See Figure 70
3rd−Harmonic
2nd−Harmonic
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
−95
−100
Frequency (MHz)
0.1
1
10
3rd−Harmonic
R
L = 150Ω
2nd−Harmonic
R
L = 150Ω
2nd−Harmonic
R
L = 500Ω
3rd−Harmonic
R
L = 500Ω
G = +2V/V
V
O = 2VPP
See Figure 70
−55
−60
−65
−70
−75
−80
−85
−90
Gain (V/V)
1
10
R
L = 500Ω
V
O = 2VPP
f = 5MHz
See Figure 70
3rd−Harmonic
2nd−Harmonic
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
−95
−100
Output Voltage Swing (V
PP)
0.1
1
10
2nd−Harmonic
3rd−Harmonic
G = +2V/V
R
L = 500Ω
f = 5MHz
See Figure 70
Input Limited
−55
−60
−65
−70
−75
−80
−85
Gain (
V/V)
1
10
R
L = 500Ω
V
O = 2VPP
f = 5MHz
3rd−Harmonic
2nd−Harmonic
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
−95
Single−Tone Load Power (dBm)
10MHz
5MHz
20MHz
750
Ω
1 /2
O P A28 30
P
I
P
O
50
Ω
500
Ω
750
Ω
−26 −24 −22 −20 −18 −16 −14 −12 −10 −8 −6 −4 −2
OPA2830
SBOS309D – AUGUST 2004 – REVISED AUGUST 2008.................................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS: VS = +5V (continued)
At TA = +25°C, G = +2V/V, RF = 750Ω, RL = 150Ω to VS/2, and input VCM = 2.5V, unless otherwise noted (see Figure 70).
HARMONIC DISTORTION vs LOAD RESISTANCE
HARMONIC DISTORTION vs FREQUENCY
Figure 29.
Figure 30.
HARMONIC DISTORTION vs OUTPUT VOLTAGE
HARMONIC DISTORTION vs NONINVERTING GAIN
Figure 31.
Figure 32.
HARMONIC DISTORTION vs INVERTING GAIN
TWO-TONE, 3RD-ORDER INTERMODULATION SPURIOUS
Figure 33.
Figure 34.
14
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com