Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA830 Datasheet(HTML) 25 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 21Page - Texas Instruments OPA830 Datasheet HTML 22Page - Texas Instruments OPA830 Datasheet HTML 23Page - Texas Instruments OPA830 Datasheet HTML 24Page - Texas Instruments OPA830 Datasheet HTML 25Page - Texas Instruments OPA830 Datasheet HTML 26Page - Texas Instruments OPA830 Datasheet HTML 27Page - Texas Instruments OPA830 Datasheet HTML 28Page - Texas Instruments OPA830 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 43 page
background image
NONINVERTING AMPLIFIER WITH REDUCED
SINGLE-SUPPLY ACTIVE FILTER
1/2
OPA2830
V
OUT
+5V
V
IN
R
G
R
T
R
F
R
C
G
1
+ 1 )
R
F
R
G
G
2
+ 1 )
R
T
)
R
F
G
1
R
C
NG + G1
G
2
1/2
OPA2830
1.5k
Ω
1.87k
Ω
500
Ω
+5V
1.87k
Ω
4V
I
V
I
150pF
0.1
µF
1MHz, 2nd−Order
Butterworth Filter
100pF
432
Ω
137
Ω
0.1
µF
OPA2830
www.ti.com.................................................................................................................................................. SBOS309D – AUGUST 2004 – REVISED AUGUST 2008
PEAKING
The OPA2830 operating on a single +3V or +5V
Figure 77 shows a noninverting amplifier that reduces
supply lends itself well to high-frequency active filter
peaking at low gains. The resistor RC compensates
designs.
The
key
additional
requirement
is
to
the OPA2830 to have higher Noise Gain (NG), which
establish the DC operating point of the signal near
reduces the AC response peaking (typically 4dB at
the supply midpoint for highest dynamic range.
G = +1 without RC) without changing the DC gain. VIN
Figure 78 shows an example design of a 1MHz
needs to be a low impedance source, such as an op
low-pass Butterworth filter using the Sallen-Key
amp.
topology.
Both the input signal and the gain setting resistor are
AC-coupled using 0.1
µF blocking capacitors (actually
giving bandpass response with the low-frequency
pole set to 32kHz for the component values shown).
This allows the midpoint bias formed by the two
1.87k
Ω resistors to appear at both the input and
output pins. The midband signal gain is set to +4
(12dB) in this case. The capacitor to ground on the
noninverting input is intentionally designed at a higher
value to dominate input parasitic terms. At a gain of
+4, the OPA2830 on a single supply will show 30MHz
small- and large-signal bandwidth. The filter resistor
values have been slightly adjusted to account for this
Figure 77. Compensated Noninverting Amplifier
limited bandwidth in the amplifier stage. Tests of this
circuit show a precise 1MHz, –3dB point with a
The Noise Gain can be calculated as follows:
maximally-flat
passband
(above
the
32kHz
AC-coupling corner), and a maximum stop band
attenuation of 36dB at the amplifier's –3dB bandwidth
of 30MHz.
A unity-gain buffer can be designed by selecting
RT = RF = 20.0Ω and RC = 40.2Ω (do not use RG).
This gives a noise gain of 2, so the response will be
similar to the Characteristics Plots with G = +2 giving
less peaking.
Figure 78. Single-Supply, High-Frequency Active Filter
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s): OPA2830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com