Electronic Components Datasheet Search
  English  ▼

X  

OPA830 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA830
Description  Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA830 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA830 Datasheet HTML 6Page - Texas Instruments OPA830 Datasheet HTML 7Page - Texas Instruments OPA830 Datasheet HTML 8Page - Texas Instruments OPA830 Datasheet HTML 9Page - Texas Instruments OPA830 Datasheet HTML 10Page - Texas Instruments OPA830 Datasheet HTML 11Page - Texas Instruments OPA830 Datasheet HTML 12Page - Texas Instruments OPA830 Datasheet HTML 13Page - Texas Instruments OPA830 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
−50
−55
−60
−65
−70
−75
−80
−85
Resistance (
Ω)
100
1k
G = +2V/V
V
O = 2VPP
f = 5MHz
See Figure 72
3rd−Harmonic
2nd−Harmonic
−40
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
Supply Voltage (
±V
S)
2.0
2.5
3.0
3.5
4.0
4.5
5.0
6.0
5.5
G = +2V/V
V
O = 2VPP
R
L = 500Ω
See Figure 72
2nd−Harmonic
3rd−Harmonic
Input Limited for V
CM = 0V
−55
−60
−65
−70
−75
−80
−85
−90
−95
Output Voltage Swing (V
PP)
0.1
1
10
2nd−Harmonic
3rd−Harmonic
G = +2V/V
R
L = 500Ω
f = 5MHz
See Figure 72
−50
−55
−60
−65
−70
−75
−80
−85
−90
−95
−100
−105
Frequency (MHz)
0.1
1
10
3rd−Harmonic
R
L = 150Ω
2nd−Harmonic
R
L = 150Ω
2nd−Harmonic
R
L = 500Ω
3rd−Harmonic
R
L = 500Ω
G = +2V/V
V
O = 2VPP
See Figure 72
−40
−45
−50
−55
−60
−65
−70
−75
−80
−85
−90
Single−Tone Load Power (2dBm/div)
−26
−20
−14
−8
−2
6
10MHz
5MHz
20MHz
750
Ω
1 /2
O P A 28 30
P
I
P
O
50
Ω
500
Ω
750
Ω
83
82
81
80
79
78
77
Ambient Temperature (
_C)
13
12
11
10
9
8
7
−50
−25
0
25
50
75
100
125
Output Current (sourcing)
Output Current (sinking)
Quiescent Current (total, both amplifiers)
OPA2830
SBOS309D – AUGUST 2004 – REVISED AUGUST 2008.................................................................................................................................................. www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (continued)
At TA = +25°C, G = +2V/V, RF = 750Ω, and RL = 150Ω to GND, unless otherwise noted (see Figure 72).
HARMONIC DISTORTION vs LOAD RESISTANCE
5MHz HARMONIC DISTORTION vs SUPPLY VOLTAGE
Figure 7.
Figure 8.
HARMONIC DISTORTION vs OUTPUT VOLTAGE
HARMONIC DISTORTION vs FREQUENCY
Figure 9.
Figure 10.
TWO-TONE, 3RD-ORDER INTERMODULATION SPURIOUS
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Figure 11.
Figure 12.
10
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com