Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA690 Datasheet(HTML) 28 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 24Page - Texas Instruments OPA690 Datasheet HTML 25Page - Texas Instruments OPA690 Datasheet HTML 26Page - Texas Instruments OPA690 Datasheet HTML 27Page - Texas Instruments OPA690 Datasheet HTML 28Page - Texas Instruments OPA690 Datasheet HTML 29Page - Texas Instruments OPA690 Datasheet HTML 30Page - Texas Instruments OPA690 Datasheet HTML 31Page - Texas Instruments OPA690 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
DESIGN-IN TOOLS
Demonstration Fixtures
Macromodel and Applications Support
BANDWIDTH vs GAIN:
OPERATING SUGGESTIONS
OPA2830
SBOS309D – AUGUST 2004 – REVISED AUGUST 2008.................................................................................................................................................. www.ti.com
A good rule of thumb is to target the parallel
combination of RF and RG (see Figure 72) to be less
than about 400
Ω. The combined impedance RF || RG
interacts with the inverting input capacitance, placing
Two printed circuit boards (PCBs) are available to
an additional pole in the feedback network, and thus
assist in the initial evaluation of circuit performance
a zero in the forward response. Assuming a 2pF total
using the OPA2830 in its two package options. Both
parasitic on the inverting node, holding RF || RG <
of these are offered free of charge as unpopulated
400
Ω will keep this pole above 200MHz. By itself, this
PCBs, delivered with a user's guide. The summary
constraint implies that the feedback resistor RF can
information for these fixtures is shown in Table 1.
increase to several k
Ω at high gains. This is
acceptable as long as the pole formed by RF and any
Table 1. Demonstration Fixtures by Package
parasitic capacitance appearing in parallel is kept out
ORDERING
LITERATURE
of the frequency range of interest.
PRODUCT
PACKAGE
NUMBER
NUMBER
In the inverting configuration, an additional design
OPA2830ID
SO-8
DEM-OPA-SO-2A
SBOU003
consideration must be noted. RG becomes the input
OPA2830IDGK
MSOP-8
DEM-OPA-MSOP-2A
SBOU004
resistor and therefore the load impedance to the
driving source. If impedance matching is desired, RG
The demonstration fixtures can be requested at the
may be set equal to the required termination value.
Texas Instruments web site (www.ti.com) through the
However,
at
low
inverting
gains,
the
resultant
OPA2830 product folder.
feedback resistor value can present a significant load
to the amplifier output. For example, an inverting gain
of 2 with a 50
Ω input matching resistor (= RG) would
Computer simulation of circuit performance using
require a 100
Ω feedback resistor, which would
SPICE
is
often
a
quick
way
to
analyze
the
contribute to output loading in parallel with the
performance of the OPA2830 and its circuit designs.
external load. In such a case, it would be preferable
This is particularly true for video and RF amplifier
to increase both the RF and RG values, and then
circuits where parasitic capacitance and inductance
achieve the input matching impedance with a third
can play a major role on circuit performance. A
resistor to ground (see Figure 84). The total input
SPICE model for the OPA2830 is available through
impedance becomes the parallel combination of RG
the TI web page (www.ti.com). The applications
and the additional shunt resistor.
department is also available for design assistance.
These models predict typical
small
signal
AC,
transient steps, DC performance, and noise under a
NONINVERTING OPERATION
wide variety of operating conditions. The models
Voltage-feedback
op
amps
exhibit
decreasing
include the noise terms found in the electrical
closed-loop
bandwidth
as
the
signal
gain
is
specifications of the data sheet. These models do not
increased. In theory, this relationship is described by
attempt to distinguish between the package types in
the Gain Bandwidth Product (GBP) shown in the
their small-signal AC performance.
specifications.
Ideally,
dividing
GBP
by
the
noninverting signal gain (also called the Noise Gain,
or NG) will predict the closed-loop bandwidth. In
OPTIMIZING RESISTOR VALUES
practice, this only holds true when the phase margin
Since
the
OPA2830
is
a
unity-gain
stable,
approaches
90°,
as
it
does
in
high-gain
voltage-feedback op amp, a wide range of resistor
configurations. At low gains (increased feedback
values may be used for the feedback and gain setting
factors), most amplifiers will exhibit a more complex
resistors. The primary limits on these values are set
response with lower phase margin. The OPA2830 is
by dynamic range (noise and distortion) and parasitic
compensated to give a slightly peaked response in a
capacitance
considerations.
For
a
noninverting
noninverting gain of 2 (see Figure 72). This results in
unity-gain
follower
application,
the
feedback
a typical gain of +2 bandwidth of 105MHz, far
connection should be made with a direct short.
exceeding that predicted by dividing the 105MHz
GBP by 2. Increasing the gain will cause the phase
Below 200
Ω, the feedback network will present
margin to approach 90° and the bandwidth to more
additional output loading which can degrade the
closely approach the predicted value of (GBP/NG). At
harmonic distortion performance of the OPA2830.
a gain of +10, the 10MHz bandwidth shown in the
Above
1k
Ω,
the
typical
parasitic
capacitance
Electrical Characteristics agrees with that predicted
(approximately 0.2pF) across the feedback resistor
using the simple formula and the typical GBP of
may cause unintentional band limiting in the amplifier
105MHz.
response.
28
Submit Documentation Feedback
Copyright © 2004–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA2830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com