Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA690 Datasheet(HTML) 9 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 5Page - Texas Instruments OPA690 Datasheet HTML 6Page - Texas Instruments OPA690 Datasheet HTML 7Page - Texas Instruments OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments OPA690 Datasheet HTML 10Page - Texas Instruments OPA690 Datasheet HTML 11Page - Texas Instruments OPA690 Datasheet HTML 12Page - Texas Instruments OPA690 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
TYPICAL CHARACTERISTICS: VS = ±5V
6
3
0
−3
−6
−9
−12
−15
−18
Frequency (MHz)
1
10
100
600
V
O = 0.2VPP
R
L = 150Ω
See Figure 72
G = +1
R
F = 0Ω
G = +2
G = +5
G = +10
3
0
−3
−6
−9
−12
−15
−18
Frequency (MHz)
1
10
100
400
V
O = 0.2VPP
R
L = 150Ω
G =
−2
G =
−10
G =
−1
G =
−5
3
0
−3
−6
−9
−12
−15
−18
Frequency (MHz)
10
100
400
G =
−1V/V
R
L = 150Ω
V
O = 2VPP
V
O = 4VPP
V
O = 1VPP
V
O = 0.5VPP
9
6
3
0
−3
−6
−9
−12
Frequency (MHz)
10
100
400
V
O = 4VPP
V
O = 2VPP
V
O = 1VPP
V
O = 0.5VPP
G = +2V/V
R
L = 150Ω
See Figure 72
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
Time (10ns/div)
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
Large−Signal
± 1V
Right Scale
Small−Signal
± 100mV
Left Scale
G =
−1V/V
0.4
0.3
0.2
0.1
0
−0.1
−0.2
−0.3
−0.4
Time (10ns/div)
2.0
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
−2.0
Large−Signal
± 1V
Right Scale
Small−Signal
± 100mV
Left Scale
G = +2V/V
See Figure 72
OPA2830
www.ti.com.................................................................................................................................................. SBOS309D – AUGUST 2004 – REVISED AUGUST 2008
At TA = +25°C, G = +2V/V, RF = 750Ω, and RL = 150Ω to GND, unless otherwise noted (see Figure 72).
NONINVERTING SMALL-SIGNAL FREQUENCY RESPONSE
INVERTING SMALL-SIGNAL FREQUENCY RESPONSE
Figure 1.
Figure 2.
NONINVERTING LARGE-SIGNAL
FREQUENCY RESPONSE
INVERTING LARGE-SIGNAL FREQUENCY RESPONSE
Figure 3.
Figure 4.
NONINVERTING PULSE RESPONSE
INVERTING PULSE RESPONSE
Figure 5.
Figure 6.
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): OPA2830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com