Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA690 Datasheet(HTML) 3 Page - Texas Instruments

  OPA690 Datasheet HTML 1Page - Texas Instruments OPA690 Datasheet HTML 2Page - Texas Instruments OPA690 Datasheet HTML 3Page - Texas Instruments OPA690 Datasheet HTML 4Page - Texas Instruments OPA690 Datasheet HTML 5Page - Texas Instruments OPA690 Datasheet HTML 6Page - Texas Instruments OPA690 Datasheet HTML 7Page - Texas Instruments OPA690 Datasheet HTML 8Page - Texas Instruments OPA690 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
ELECTRICAL CHARACTERISTICS: VS = ±5V
OPA2830
www.ti.com.................................................................................................................................................. SBOS309D – AUGUST 2004 – REVISED AUGUST 2008
Boldface limits are tested at +25C.
At TA = +25°C, G = +2V/V, RF = 750Ω, and RL = 150Ω to GND, unless otherwise noted (see Figure 70).
OPA2830ID, IDGK
MIN/MAX OVER
TYP
TEMPERATURE
0°C to
–40°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25°C
+25°C(1)
+70°C(2)
+85°C(2)
UNITS
MAX
LEVEL(3)
AC PERFORMANCE (see Figure 70)
Small-Signal Bandwidth
G = +1, VO ≤ 0.2VPP
290
MHz
typ
C
G = +2, VO ≤ 0.2VPP
105
66
64
61
MHz
min
B
G = +5, VO ≤ 0.2VPP
22
16
14
13
MHz
min
B
G = +10, VO ≤ 0.2VPP
10
8
7
6
MHz
min
B
Gain Bandwidth Product
G
≥ +10
100
80
77
75
MHz
min
B
Peaking at a Gain of +1
VO ≤ 0.2VPP
4
dB
typ
C
Slew Rate
G = +2, 2V Step
560
275
265
255
V/
µs
min
B
Rise Time
0.5V Step
3.4
5.9
5.95
6.0
ns
max
B
Fall Time
0.5V Step
3.6
6.0
6.05
6.1
ns
max
B
Settling Time to 0.1%
G = +2, 1V Step
43
64
66
67
ns
max
B
Harmonic Distortion
VO = 2VPP, f = 5MHz
2nd-Harmonic
RL = 150Ω
–62
–55
–53
–52
dBc
min
B
RL ≥ 500Ω
–66
–58
–57
–56
dBc
min
B
3rd-Harmonic
RL = 150Ω
–59
–50
–49
–48
dBc
min
B
RL ≥ 500Ω
–77
–65
–62
–55
dBc
min
B
Input Voltage Noise
f > 1MHz
9.5
10.6
11.1
11.6
nV/
√Hz
max
B
Input Current Noise
f > 1MHz
3.7
4.8
5.3
5.8
pA/
√Hz
max
B
NTSC Differential Gain
0.07
%
typ
C
NTSC Differential Phase
0.17
°
typ
C
DC PERFORMANCE(4)
RL = 150Ω
Open-Loop Voltage Gain
74
66
65
64
dB
min
A
Input Offset Voltage
±1.5
±7.5
±8.7
±9.3
mV
max
A
Average Offset Voltage Drift
—
±27
±27
µV/°C
max
B
Input Bias Current
VCM = 2.0V
+5
+10
+12
+13
µA
max
A
Input Bias Current Drift
±44
±46
nA/°C
max
B
Input Offset Current
VCM = 2.0V
±0.2
±1.1
±1.3
±1.5
µA
max
A
Input Offset Current Drift
—
±5
±6
nA/°C
max
B
INPUT
Negative Input Voltage
–5.5
–5.4
–5.3
–5.2
V
max
A
Positive Input Voltage
3.2
3.1
3.0
2.9
V
min
A
Common-Mode Rejection Ratio (CMRR)
Input-Referred
80
76
74
71
dB
min
A
Input Impedance
Differential Mode
10 || 2.1
k
Ω || pF
typ
C
Common-Mode
400 || 1.2
k
Ω || pF
typ
C
OUTPUT
Output Voltage Swing
G = +2, RL = 1kΩ to GND
±4.88
±4.86
±4.85
±4.84
V
min
A
G = +2, RL = 150Ω to GND
±4.64
±4.60
±4.58
±4.56
V
min
A
Current Output, Sinking and Sourcing
±82
±63
±58
±53
mA
min
A
Short-Circuit Current
Output Shorted to Ground
150
mA
typ
C
Closed-Loop Output Impedance
G = +2, f
≤ 100kHz
0.06
Ω
typ
C
(1)
Junction temperature = ambient for +25°C specifications.
(2)
Junction temperature = ambient at low temperature limits; junction temperature = ambient +18°C at high temperature limit for over
temperature specifications.
(3)
Test levels: (A) 100% tested at +25°C. Over temperature limits by characterization and simulation. (B) Limits set by characterization and
simulation. (C) Typical value only for information.
(4)
Current is considered positive out of pin.
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): OPA2830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com