Electronic Components Datasheet Search
  English  ▼

X  

OPA690 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690
Description  Dual, Low-Power, Single-Supply, Wideband OPERATIONAL AMPLIFIER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA690 Datasheet(HTML) 33 Page - Texas Instruments

Back Button OPA690 Datasheet HTML 29Page - Texas Instruments OPA690 Datasheet HTML 30Page - Texas Instruments OPA690 Datasheet HTML 31Page - Texas Instruments OPA690 Datasheet HTML 32Page - Texas Instruments OPA690 Datasheet HTML 33Page - Texas Instruments OPA690 Datasheet HTML 34Page - Texas Instruments OPA690 Datasheet HTML 35Page - Texas Instruments OPA690 Datasheet HTML 36Page - Texas Instruments OPA690 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
INPUT AND ESD PROTECTION
External
Pin
+V
CC
−V
CC
Internal
Circuitry
OPA2830
www.ti.com.................................................................................................................................................. SBOS309D – AUGUST 2004 – REVISED AUGUST 2008
These diodes provide moderate protection to input
overdrive voltages above the supplies as well. The
The OPA2830 is built using a very high-speed
protection
diodes
can
typically
support
30mA
complementary bipolar process. The internal junction
continuous
current.
Where
higher
currents
are
breakdown voltages are relatively low for these very
possible (that is, in systems with ±15V supply parts
small geometry devices. These breakdowns are
driving into the OPA2830), current-limiting series
reflected in the Absolute Maximum Ratings table. All
resistors should be added into the two inputs. Keep
device pins are protected with internal ESD protection
these resistor values as low as possible, since high
diodes to the power supplies, as shown in Figure 86.
values
degrade
both
noise
performance
and
frequency response.
Figure 86. Internal ESD Protection
Copyright © 2004–2008, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): OPA2830



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com