Electronic Components Datasheet Search
  English  ▼

X  

PR308S31ESU Datasheet(PDF) 7 Page - Sharp Corporation

Part # PR308S31ESU
Description  Output current, IT(rms) 8.0A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR308S31ESU Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PR308S31ESU Datasheet HTML 3Page - Sharp Corporation PR308S31ESU Datasheet HTML 4Page - Sharp Corporation PR308S31ESU Datasheet HTML 5Page - Sharp Corporation PR308S31ESU Datasheet HTML 6Page - Sharp Corporation PR308S31ESU Datasheet HTML 7Page - Sharp Corporation PR308S31ESU Datasheet HTML 8Page - Sharp Corporation PR308S31ESU Datasheet HTML 9Page - Sharp Corporation PR308S31ESU Datasheet HTML 10Page - Sharp Corporation PR308S31ESU Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
PR308S31ESU
Sheet No.: D4-A03601EN
Remarks : Please be aware that all data in the graph are just for reference.
Fig.7 Maximum ON-state Power Dissipation
vs. RMS ON-state Current
RMS ON-state current IT (rms)(A)
0
10
12
12
810
6
4
2
0
8
6
4
2
Ta
=25˚C
Fig.5 Surge Current vs. Power-on Cycle
Power-on cycle (Times)
0
110
100
f
=50Hz sine wave
Tj=25˚C start
100
80
60
40
20
Fig.6 Minimum Trigger Current vs.
Ambient Temperature
Ambient temperature Ta (˚C)
0
10
−20
0
20
406080
8
6
4
2
VD=12V
Fig.8 Open Circuit Leak Current vs.
Supply Voltage
Supply voltage VOUT (rms)(V)
0
6
080
160
240
320
5
3
2
4
1
Ta=25˚C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com