Electronic Components Datasheet Search
  English  ▼

X  

PR308S31ESU Datasheet(PDF) 1 Page - Sharp Corporation

Part # PR308S31ESU
Description  Output current, IT(rms) 8.0A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR308S31ESU Datasheet(HTML) 1 Page - Sharp Corporation

  PR308S31ESU Datasheet HTML 1Page - Sharp Corporation PR308S31ESU Datasheet HTML 2Page - Sharp Corporation PR308S31ESU Datasheet HTML 3Page - Sharp Corporation PR308S31ESU Datasheet HTML 4Page - Sharp Corporation PR308S31ESU Datasheet HTML 5Page - Sharp Corporation PR308S31ESU Datasheet HTML 6Page - Sharp Corporation PR308S31ESU Datasheet HTML 7Page - Sharp Corporation PR308S31ESU Datasheet HTML 8Page - Sharp Corporation PR308S31ESU Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PR308S31ESU
■ Features
IT(rms)≤8A, Built-in snubber circuit
Reinforced Insulation Type
Non-Zero Cross type
SIP 4pin
Triac output SSR
1. Output current, IT(rms)≤8.0A
2. Non-zero crossing functionary
3. 4 pin SIP package
4. High repetitive peak off-state voltage (VDRM : 600V)
5. Built-in snubber circuit
6. Reinforced insulation type (MIN. 0.4mm internal sep-
aration)
7. High isolation voltage between input and output
(Viso(rms) : 3.0kV)
8. Screw hole for heat sink
■ Description
PR308S31ESU reinforced insulation type Solid
State Relays (SSR) are an integration of an infrared
emitting diode (IRED), a Phototriac Detector and a
main output Triac. These devices are ideally suited for
controlling high voltage AC loads with solid state reli-
ability while providing 3.0kV isolation (Viso(rms)) from in-
put to output.
1
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PR308S31ESU
■ Agency approvals/Compliance
1. Isolated interface between high voltage AC devices
and lower voltage DC control circuitry.
2. Switching motors, fans, heaters, solenoids, and
valves.
3. Phase or power control in applications such as light-
ing and temperature control equipment.
■ Applications
1. Recognized by UL508, file No. E94758 (as models No.
PR308S31)
2. Approved by CSA 22.2 No.14, file No. LR63705 (as
models No. PR308S31)
3. Approved by TÜV EN60950 (reinforced insulation),
file No. R9051479 (as models No. PR308S31)
4. Package resin : UL flammability grade (94V-0)
Sheet No.: D4-A03601EN
Date Apr. 28. 2004
© SHARP Corporation
∗Zero cross type is also available. (PR308S41ESU)


Similar Part No. - PR308S31ESU

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
PR30 CML-PR30 Datasheet
222Kb / 1P
B-6 Single Bayonet Base
logo
Visual Communications C...
PR30 VCC-PR30 Datasheet
26Kb / 1P
Single Bayonet Base
logo
Same Sky Devices
PR30 SAMESKY-PR30 Datasheet
409Kb / 6P
POWER RELAY
09/12/2024
logo
Autonics Corporation
PR30-10AC AUTONICS-PR30-10AC Datasheet
135Kb / 6P
Cylindrical Type Proximity Sensor
PR30-10AO AUTONICS-PR30-10AO Datasheet
135Kb / 6P
Cylindrical Type Proximity Sensor
More results

Similar Description - PR308S31ESU

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
TMG25CQ60F SANREX-TMG25CQ60F Datasheet
70Kb / 2P
IT(RMS)=25A, High Surge Current, Low Voltage Drop, Lead-Free Package
logo
Sharp Corporation
S116S02 SHARP-S116S02 Datasheet
238Kb / 13P
IT(rms)??6A, Zero Cross type SIP 4pin Triac output SSR
PR26MF21NSZ SHARP-PR26MF21NSZ Datasheet
266Kb / 15P
IT(rms)??.6A, Zero Cross type DIP 8pin Triac output SSR
S202S02F SHARP-S202S02F Datasheet
245Kb / 13P
IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S202TY2 SHARP-S202TY2 Datasheet
245Kb / 13P
IT(rms)??A, Zero Cross type Low profile SIP 4pin Triac output SSR
S201S06F SHARP-S201S06F Datasheet
244Kb / 13P
IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
S102S02F SHARP-S102S02F Datasheet
239Kb / 13P
IT(rms)??A, Non-Zero Cross type SIP 4pin Triac output SSR
PR36MF11NSZ SHARP-PR36MF11NSZ Datasheet
317Kb / 15P
IT(rms) 0.6A, Non-Zero Cross type DIP 8pin Triac output SSR
PR21HD22NSZ SHARP-PR21HD22NSZ Datasheet
250Kb / 13P
IT(rms) 1.5A, Low trigger current Zero Cross type Zero Cross type Triac output SSR
PR26MF11NIP SHARP-PR26MF11NIP Datasheet
317Kb / 15P
IT(rms)??.6A, Non-Zero Cross type DIP 8pin Triac output SSR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com