Electronic Components Datasheet Search
  English  ▼

X  

PR308S31ESU Datasheet(PDF) 6 Page - Sharp Corporation

Part # PR308S31ESU
Description  Output current, IT(rms) 8.0A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR308S31ESU Datasheet(HTML) 6 Page - Sharp Corporation

Back Button PR308S31ESU Datasheet HTML 2Page - Sharp Corporation PR308S31ESU Datasheet HTML 3Page - Sharp Corporation PR308S31ESU Datasheet HTML 4Page - Sharp Corporation PR308S31ESU Datasheet HTML 5Page - Sharp Corporation PR308S31ESU Datasheet HTML 6Page - Sharp Corporation PR308S31ESU Datasheet HTML 7Page - Sharp Corporation PR308S31ESU Datasheet HTML 8Page - Sharp Corporation PR308S31ESU Datasheet HTML 9Page - Sharp Corporation PR308S31ESU Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
PR308S31ESU
Fig.2 RMS ON-state Current vs.
Ambient Temperature
Fig.1 Forward Current vs.
Ambient Temperature
Sheet No.: D4-A03601EN
Ambient temperature Ta (˚C)
0
10
9
8
7
6
5
4
3
2
1
−20
100
75 80
50
25
125
0
(1)
(2)
(3)
(4)
(5)
(6)
(1) With infinite heat sink
(2) With heat sink (200
×200×2mm Al plate)
(3) With heat sink (100
×100×2mm Al plate)
(4) With heat sink (75
×75×2mm Al plate)
(5) With heat sink (50
×50×2mm Al plate)
(6) Without heat sink
(Note) In natural cooling condition, please locate Al plate
vertically, spread the thermal conductive silicone
grease on the touch surface of the device and tighten
up the device in the center of Al plate at the torque
of 0.4N•m.
1
10
0.9
1.1
1
1.2
1.3
1.4
1.5
100
Forward voltage VF (V)
Ta=75˚C
50˚C
25˚C
0˚C
Fig.4 Forward Current vs. Forward Voltage
Fig.3 RMS ON-state Current vs.
Case Temperature
0
2
4
6
8
−20
0
20
40
60
80
100
120
140
Case temperature TC (˚C)
0
10
20
30
40
50
60
−20
0
25
50
75 80
100
125
Ambient temperature Ta (˚C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com