Electronic Components Datasheet Search
  English  ▼

X  

PR308S31ESU Datasheet(PDF) 4 Page - Sharp Corporation

Part # PR308S31ESU
Description  Output current, IT(rms) 8.0A
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PR308S31ESU Datasheet(HTML) 4 Page - Sharp Corporation

  PR308S31ESU Datasheet HTML 1Page - Sharp Corporation PR308S31ESU Datasheet HTML 2Page - Sharp Corporation PR308S31ESU Datasheet HTML 3Page - Sharp Corporation PR308S31ESU Datasheet HTML 4Page - Sharp Corporation PR308S31ESU Datasheet HTML 5Page - Sharp Corporation PR308S31ESU Datasheet HTML 6Page - Sharp Corporation PR308S31ESU Datasheet HTML 7Page - Sharp Corporation PR308S31ESU Datasheet HTML 8Page - Sharp Corporation PR308S31ESU Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
■ Electro-optical Characteristics
Parameter
Symbol
Unit
Input
Output
(Ta
=25˚C)
Forward voltage
Reverse current
ON-state voltage
Minimum Operating current
Open circuit leak current
Critical rate of rise of OFF-state voltage
Critical rate of rise of OFF-state voltage at commutaion
Minimum trigger current
Isolation resistance
Turn-on time
Turn-off time
Thermal resistance
VF
IR
VT(rms)
IOP(rms)
Ileak(rms)
dV/dt
(dV/dt)c
IFT
RISO
ton
toff
Rth(j-c)
Rth(j-a)
V
µA
V
mA
mA
V/
µs
V/
µs
mA
Ω
ms
ms
˚C/W
IF
=20mA
VR
=3V
IT(rms)
=2A, Resistance load, IF=20mA
VOUT(rms)
=240V
VOUT(rms)
=240V
VD
=2/3•VDRM
Tj
=125˚C, VD=2/3•VDRM, dIT/dt=−4.0A/ms
VD
=12V, RL=30Ω
DC500V, 40 to 60%RH
VD(rms)
=200V, AC50Hz
IT(rms)
=2A, Resistance load, IF=20mA
Between junction and case
Between junction and ambient
Conditions
MIN.
TYP.
MAX.
Transfer
charac-
teristics
−
−
−
−
−
30
5
−
1010
−
−
−
−
1.2
−
−
−
−
−
−
−
−
−
−
4.5
40
1.4
100
1.5
50
10
−
−
10
−
1
10
−
−
■ Absolute Maximum Ratings
4
Parameter
Symbol
Rating
Unit
Input
Output
(Ta
=25˚C)
Forward current
Reverse voltage
RMS ON-state current
Peak one cycle surge current
Repetitive
peak OFF-state voltage
Non-Repetitive
peak OFF-state voltage
Critical rate of rise of ON-state current
Operating frequency
Isolation voltage
Operating temperature
Storage temperature
Soldering temperature
*2
*1
IF
VR
IT(rms)
Isurge
VDRM
VDSM
dIT/dt
f
Viso(rms)
Topr
Tstg
Tsol
mA
V
A
A
V
V
A/
µs
Hz
kV
˚C
˚C
˚C
*3
*3
*4
50
6
8
80
600
600
50
45 to 65
3.0
−20 to +80
−30 to +100
260
*1 40 to 60%RH, AC for 1minute, f
=60Hz
*2 For 10s
*3 Refer to Fig.1, Fig.2
*4 f
=50Hz sine wave, Tj=25˚C start
PR308S31ESU
Soldering area
Sheet No.: D4-A03601EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com