Electronic Components Datasheet Search
  English  ▼

X  

ADS574 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS574
Description  Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS574 Datasheet(HTML) 2 Page - Texas Instruments

  ADS574 Datasheet HTML 1Page - Texas Instruments ADS574 Datasheet HTML 2Page - Texas Instruments ADS574 Datasheet HTML 3Page - Texas Instruments ADS574 Datasheet HTML 4Page - Texas Instruments ADS574 Datasheet HTML 5Page - Texas Instruments ADS574 Datasheet HTML 6Page - Texas Instruments ADS574 Datasheet HTML 7Page - Texas Instruments ADS574 Datasheet HTML 8Page - Texas Instruments ADS574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
®
ADS574
2
ADS574JE, JP, JU
ADS574KE, KP, KU
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
12
T
Bits
INPUTS
ANALOG
Voltage Ranges: Unipolar
0 to +10, 0 to +20
V
Bipolar
±5, ±10
V
Impedance:
0 to +10V,
±5V
15
21
TT
k
Ω
±10V, 0V to +20V
60
84
TT
k
Ω
DIGITAL (CE, CS, R/C, AO, 12/8)
Voltages: Logic 1
+2.0
+5.5
TT
V
Logic 0
–0.5
+0.8
TT
V
Current
–5
0.1
+5
TTT
µA
Capacitance
5
T
pF
TRANSFER CHARACTERISTICS
DC ACCURACY
At +25
°C
Linearity Error
±1
±1/2
LSB
Unipolar Offset Error (adjustable to zero)
±2
T
LSB
Bipolar Offset Error (adjustable to zero)
±10
±4
LSB
Full-Scale Calibration Error (1)
(adjustable to zero)
±0.25
T
% of FS (2)
No Missing Codes Resolution (Diff. Linearity)
12
12
Bits
TMIN to TMAX (3)
Linearity Error
±1
±1/2
LSB
Full-Scale Calibration Error
±0.47
±0.37
% of FS
Unipolar Offset
±4
±3
LSB
Bipolar Offset
±12
±5
LSB
No Missing Codes Resolution
12
12
Bits
AC ACCURACY (4)
Spurious Free Dynamic Range
73
78
76
T
dB
Total Harmonic Distortion
–77
–72
T
–75
dB
Signal-to-Noise Ratio
69
72
71
T
dB
Signal-to-(Noise + Distortion) Ratio
68
71
70
T
dB
Intermodulation Distortion
–75
T
(FIN1 = 10kHz, FIN2 = 11.5kHz)
TEMPERATURE COEFFICIENTS (5)
Unipolar Offset
±1
T
ppm/
°C
Bipolar Offset
±2
T
ppm/
°C
Full-Scale Calibration
±12
T
ppm/
°C
POWER SUPPLY SENSITIVITY
Change in Full-Scale Calibration(6)
+4.75V < VDD < +5.25V
±1/2
T
LSB
CONVERSION TIME (Including Acquisition Time)
tAQ + tC at 25°C:
8-Bit Cycle
16
18
TT
µs
12-Bit Cycle
22
25
TT
µs
12-Bit Cycle, TMIN to TMAX
22
25
TT
µs
SAMPLING DYNAMICS
Sampling Rate
40
T
kHz
Aperture Delay, tAP
With VEE = +5V
20
T
ns
With VEE = 0V to –15V
4.0
T
µs
Aperture Uncertainty (Jitter)
With VEE = +5V
300
T
ps, rms
With VEE = 0V to –15V
30
T
ns, rms
OUTPUTS
DIGITAL (DB11 - DB0, STATUS)
Output Codes: Unipolar
Unipolar Straight Binary (USB)
Bipolar
Bipolar Offset Binary (BOB)
Logic Levels: Logic 0 (ISINK = 1.6mA)
+0.4
T
V
Logic 1 (ISOURCE = 500µA)
+2.4
T
V
Leakage, Data Bits Only, High-Z State
–5
0.1
+5
TTT
µA
Capacitance
5
T
pF
SPECIFICATIONS
ELECTRICAL
At TA = TMIN to TMAX , VDD = +5V, VEE = –15V to +5V, sampling frequency of 40kHz, and fIN = 10kHz, unless otherwise specified.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com