Electronic Components Datasheet Search
  English  ▼

X  

ADS574 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS574
Description  Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS574 Datasheet(HTML) 4 Page - Texas Instruments

  ADS574 Datasheet HTML 1Page - Texas Instruments ADS574 Datasheet HTML 2Page - Texas Instruments ADS574 Datasheet HTML 3Page - Texas Instruments ADS574 Datasheet HTML 4Page - Texas Instruments ADS574 Datasheet HTML 5Page - Texas Instruments ADS574 Datasheet HTML 6Page - Texas Instruments ADS574 Datasheet HTML 7Page - Texas Instruments ADS574 Datasheet HTML 8Page - Texas Instruments ADS574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
®
ADS574
4
CONNECTION DIAGRAM
1
2
3
4
5
Power-Up Reset
Control
Logic
Clock
12 Bits
12
Bits
–
+
CDAC
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
+5VDC Supply
(V
)
DD
A
O
–
R/C
–
12/8
CE
NC*
2.5V Ref
Out
Analog
Common
2.5V Ref
In
Bipolar
Offset
10V Range
20V Range
Digital
Common
DB0 (LSB)
DB1
DB2
DB3
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11 (MSB)
Status
*Not Internally Connected
2.5V
Reference
CS
V
EE (Mode Control)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com