Electronic Components Datasheet Search
  English  ▼

X  

ADS574 Datasheet(PDF) 6 Page - Texas Instruments

Part # ADS574
Description  Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS574 Datasheet(HTML) 6 Page - Texas Instruments

Back Button ADS574 Datasheet HTML 2Page - Texas Instruments ADS574 Datasheet HTML 3Page - Texas Instruments ADS574 Datasheet HTML 4Page - Texas Instruments ADS574 Datasheet HTML 5Page - Texas Instruments ADS574 Datasheet HTML 6Page - Texas Instruments ADS574 Datasheet HTML 7Page - Texas Instruments ADS574 Datasheet HTML 8Page - Texas Instruments ADS574 Datasheet HTML 9Page - Texas Instruments ADS574 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
®
ADS574
6
THEORY OF OPERATION
In the ADS574, the advantages of advanced CMOS technol-
ogy—high logic density, stable capacitors, precision analog
switches—and Burr-Brown’s state of the art laser trimming
techniques are combined to produce a fast, low power
analog-to-digital converter with internal sample/hold.
The charge-redistribution successive-approximation circuitry
converts analog input voltages into digital words.
A simple example of a charge-redistribution A/D converter
with only 3 bits is shown in Figure 1.
approximation is made by connecting S2 to the reference and
S
3 to GND, and latching S2 according to the output of the
comparator. After three successive approximation steps have
been made the voltage level at the comparator will be within
1/2LSB of GND, and a digital word which represents the
analog input can be determined from the positions of S
1, S2
and S3.
OPERATION
BASIC OPERATION
Figure 2 shows the minimum circuit required to operate the
ADS574 in a basic
±10V range in the Control Mode (dis-
cussed in detail in a later section.) The falling edge of a
Convert Command (a pulse taking pin 5 LOW for a mini-
mum of 25ns) both switches the ADS574 input to the hold
state and initiates the conversion. Pin 28 (STATUS) will
output a HIGH during the conversion, and falls only after the
conversion is completed and the data has been latched on the
data output pins (pins 16 to 27.) Thus, the falling edge of
STATUS on pin 28 can be used to read the data from the
conversion. Also, during conversion, the STATUS signal
puts the data output pins in a High-Z state and inhibits the
input lines. This means that pulses on pin 5 are ignored, so
that new conversions cannot be initiated during the conver-
sion, either as a result of spurious signals or to short-cycle
the ADS574.
The ADS574 will begin acquiring a new sample as soon as
the conversion is completed, even before the STATUS
output falls, and will track the input signal until the next
conversion is started. The ADS574 is designed to complete
a conversion and accurately acquire a new signal in 25
µs
max over the full operating temperature range, so that
conversions can take place at a full 40kHz.
CONTROLLING THE ADS574
The Burr-Brown ADS574 can be easily interfaced to most
microprocessor systems and other digital systems. The
microprocessor may take full control of each conversion, or
the converter may operate in a stand-alone mode, controlled
only by the R/C input. Full control consists of selecting an
8- or 12-bit conversion cycle, initiating the conversion, and
reading the output data when ready—choosing either 12 bits
all at once, or the 8 MSB bits followed by the 4 LSB bits in
a left-justified format. The five control inputs (12/8, CS, A0,
R/C, and CE) are all TTL/CMOS-compatible. The functions
of the control inputs are described in Table II. The control
function truth table is shown in Table III.
STAND-ALONE OPERATION
For stand-alone operation, control of the converter is accom-
plished by a single control line connected to R/C. In this
mode CS and A0 are connected to digital common and CE
and 12/8 are connected to +5V. The output data are pre-
sented as 12-bit words. The stand-alone mode is used in
systems containing dedicated input ports which do not
require full bus interface capability.
FIGURE 1. 3-Bit Charge Redistribution A/D.
INPUT SCALING
Precision laser-trimmed scaling resistors at the input divide
standard input ranges (0V to +10V, 0V to +20V,
±5V or
±10V) into levels compatible with the CMOS characteristics
of the internal capacitor array.
SAMPLING
While sampling, the capacitor array switch for the MSB
capacitor (S1) is in position “S”, so that the charge on the
MSB capacitor is proportional to the voltage level of the
analog input signal. The remaining array switches (S2 and
S3) are set to position “G”. Switch S
C is closed, setting the
comparator input offset to zero.
CONVERSION
When a conversion command is received, switch S1 is opened
to trap a charge on the MSB capacitor proportional to the
analog input level at the time of the sampling command, and
switch S
C is opened to float the comparator input. The charge
trapped in the capacitor array can now be moved between the
three capacitors in the array by connecting switches S1, S2, and
S3 to positions “R” (to connect to the reference) or “G” (to
connect to GND), thus changing the voltage generated at the
comparator input.
During the first approximation, the MSB capacitor is con-
nected through switch S
1 to the reference, while switches S2
and S3 are connected to GND. Depending on whether the
comparator output is HIGH or LOW, the logic will then
latch S1 in position “R” or “G”. Similarly, the second
C
R
G
2C
R
G
4C
R
G
+
–
S
3
S
2
S
1
S
C
Comparator
L
o
g
i
c
Reference
Input
S
Signal
Analog
Input
Out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com