Electronic Components Datasheet Search
  English  ▼

X  

ADS574 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS574
Description  Microprocessor-Compatible Sampling CMOS ANALOG-TO-DIGITAL CONVERTER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS574 Datasheet(HTML) 5 Page - Texas Instruments

  ADS574 Datasheet HTML 1Page - Texas Instruments ADS574 Datasheet HTML 2Page - Texas Instruments ADS574 Datasheet HTML 3Page - Texas Instruments ADS574 Datasheet HTML 4Page - Texas Instruments ADS574 Datasheet HTML 5Page - Texas Instruments ADS574 Datasheet HTML 6Page - Texas Instruments ADS574 Datasheet HTML 7Page - Texas Instruments ADS574 Datasheet HTML 8Page - Texas Instruments ADS574 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
®
ADS574
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VDD = VEE = +5V; Bipolar ±10V Input Range; sampling frequency of 40kHz; unless otherwise specified. All plots use 4096 point FFTs.
SIGNAL/(NOISE + DISTORTION) vs
INPUT FREQUENCY AND AMBIENT TEMPERATURE
Input Frequency (kHz)
75
70
65
0.1
1
10
100
–55°C
+25°C
+125°C
FREQUENCY SPECTRUM (±10V, 2kHz Input)
Frequency (kHz)
0
–60
–120
0
5
10
20
–100
–80
–40
–20
15
S/(N + D) = 73.1dB
THD = –94.5dB
SNR = 73.1dB
FREQUENCY SPECTRUM (±10V, 19kHz Input)
Frequency (kHz)
0
–60
–120
0
5
10
20
–100
–80
–40
–20
15
S/(N + D) = 68.4dB
THD = –75.9dB
SNR = 69.3dB
FREQUENCY SPECTRUM (±1V, 19kHz Input)
Frequency (kHz)
0
–60
–120
0
5
10
20
–100
–80
–40
–20
15
S/(N + D) = 53.3dB
THD = –74.5dB
SNR = 53.3dB
SPURIOUS FREE DYNAMIC RANGE, SNR AND THD
vs INPUT FREQUENCY
Input Frequency (kHz)
100
80
60
0.1
1
10
100
90
70
POWER SUPPLY REJECTION
vs SUPPLY RIPPLE FREQUENCY
Supply Ripple Frequency (Hz)
80
40
10
10
100
1k
10M
60
20
10k
100k
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com