Electronic Components Datasheet Search
  English  ▼

X  

F600 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # F600
Description  RELAY - NONLATCH 6 PDT, 10 AMP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F600 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button F600 Datasheet HTML 7Page - List of Unclassifed Manufacturers F600 Datasheet HTML 8Page - List of Unclassifed Manufacturers F600 Datasheet HTML 9Page - List of Unclassifed Manufacturers F600 Datasheet HTML 10Page - List of Unclassifed Manufacturers F600 Datasheet HTML 11Page - List of Unclassifed Manufacturers F600 Datasheet HTML 12Page - List of Unclassifed Manufacturers F600 Datasheet HTML 13Page - List of Unclassifed Manufacturers F600 Datasheet HTML 14Page - List of Unclassifed Manufacturers F600 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
ENGINEERING DATA SHEET
S600/S601
SOCKET FOR 6 POLE RELAY
10 AMP
BASIC SOCKET SERIES DESIGNATION FOR:
SERIES F600, F601
Meets the Requirements of:
MIL-DTL-12883
For relays 6 PDT/10A
MIL-PRF-6106/8-CECC16101-020
MATERIALS
Socket body
Thermoset plastic per MIL-M-14,
SDG-F
Grommet
Silicone rubber per ZZ-R-765
Hardware
Stainless Steel
GENERAL CHARACTERISTICS
Crimp tool for 16 gauge contacts
M22520/1-01 or 7-0l; with positioner, M22520/1-02
or 7-03
Insertion and extraction tool
M81969/14-03
Weight
65g max.
Temperature range
-70C to +125°C
This connection is designed to the standards and requirements of Mil-S-12883/47 Contacts and hardware are
provided disassembled in a plastic bag. Tolerances are ±0.25mm unless otherwise noted.
Featuring LEACH© power and control solutions
www.esterline.com
AMERICAS
6900 Orangethorpe Ave.
P.O. Box 5032
Buena Park, CA 90622
Tel: (01) 714-736-7599
Fax: (01) 714-670-1145
EUROPE
2 Rue Goethe
57430 Sarralbe
France
Tel: (33) 3 87 97 31 01
Fax: (33) 3 87 97 96 86
ASIA
Units 602-603 6/F Lakeside 1
No.8 Science Park West Avenue
Phase Two, Hong Kong Science Park
Pak Shek Kok, Tai Po, N.T.
Hong Kong
Tel: (852) 2 191 3830
Fax: (852) 2 389 5803
Data sheets are for initial product selection and comparison. Contact Esterline Power Systems prior to choosing a component.
Date of issue: 8/09
- 2 -
Page 1 of 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com