Electronic Components Datasheet Search
  English  ▼

X  

F600 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # F600
Description  RELAY - NONLATCH 6 PDT, 10 AMP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F600 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  F600 Datasheet HTML 1Page - List of Unclassifed Manufacturers F600 Datasheet HTML 2Page - List of Unclassifed Manufacturers F600 Datasheet HTML 3Page - List of Unclassifed Manufacturers F600 Datasheet HTML 4Page - List of Unclassifed Manufacturers F600 Datasheet HTML 5Page - List of Unclassifed Manufacturers F600 Datasheet HTML 6Page - List of Unclassifed Manufacturers F600 Datasheet HTML 7Page - List of Unclassifed Manufacturers F600 Datasheet HTML 8Page - List of Unclassifed Manufacturers F600 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
ENGINEERING DATA SHEET
F600
RELAY - NONLATCH
6 PDT, 10 AMP
APPLICATION NOTES:
001
002
007
APPLICABLE SOCKET:
S600
SF600CE40E
Polarized, non latching hermetically sealed relay
Contact arrangement
6 PDT
Coil supply
Direct current
Designed to the
performance standards of
M 83536/25,26
CECC16101-020
CECC16303-806
PRINCIPLE TECHNICAL CHARACTERISTICS
Contacts rated at
10 Amps / 28 Vdc OR 115 Vac - 400 Hz
Weight
95 grams max
Dimensions of case
26mm x 25.7mm x 37.7mm max
Hermetically sealed, corrosion protected metal can.
Intrinsically safe relay.
CONTACT ELECTRICAL CHARACTERISTICS
Minimum
operating cycles
Contact rating per
pole and load type
Load Current in Amps
@28 Vdc
@115 Vac, 400 Hz
@115/200 Vac, 400 Hz, 3Ø
100,000 cycles
20,000 cycles
100,000 cycles
100,000 cycles
resistive load
inductive load (L/R=5ms)
motor load
lamp load
10
8
4
2
10
8
4
2
10
8
4
2
50 cycles
resistive overload
40
60
400,000 cycles
at 25% rated resistive load
Featuring LEACH© power and control solutions
www.esterline.com
AMERICAS
6900 Orangethorpe Ave.
P.O. Box 5032
Buena Park, CA 90622
.
.
Tel: (01) 714-736-7599
Fax: (01) 714-670-1145
EUROPE
2 Rue Goethe
57430 Sarralbe
France
.
.
Tel: (33) 3 87 97 31 01
Fax: (33) 3 87 97 96 86
ASIA
Units 602-603 6/F Lakeside 1
No.8 Science Park West Avenue
Phase Two, Hong Kong Science Park
Pak Shek Kok, Tai Po, N.T.
Hong Kong
Tel: (852) 2 191 3830
Fax: (852) 2 389 5803
Data sheets are for initial product selection and comparison. Contact Esterline Power Systems prior to choosing a component.
Date of issue: 01/07
- 105 -
Page 1 of 4


Similar Part No. - F600

ManufacturerPart #DatasheetDescription
logo
Chauvin Arnoux Metrix
F600 CHAUVINARNOUX-F600 Datasheet
1Mb / 8P
AC, DC and ACDC TRMS Clamp Multimeters
04/2019
logo
TOKO, Inc
F600BNS-8030Z TOKO-F600BNS-8030Z Datasheet
41Kb / 3P
Variable Coils
F600BNS-8031Z TOKO-F600BNS-8031Z Datasheet
41Kb / 3P
Variable Coils
F600BNS-8032Z TOKO-F600BNS-8032Z Datasheet
41Kb / 3P
Variable Coils
F600BNS-8033Z TOKO-F600BNS-8033Z Datasheet
41Kb / 3P
Variable Coils
More results

Similar Description - F600

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KC-D1A-300L ETC2-KC-D1A-300L Datasheet
759Kb / 13P
RELAY - NONLATCH 3 PDT, 25 AMP
X-D2A ETC2-X-D2A Datasheet
910Kb / 16P
RELAY - NONLATCH 2 PDT, LOW LEVEL TO 5 AMP
KC-J2A ETC2-KC-J2A Datasheet
759Kb / 13P
RELAY - NONLATCH 3 PDT, 25 AMP
logo
Leach International Cor...
J-SERIES LEACH-J-SERIES Datasheet
597Kb / 5P
RELAY – NONLATCH 2 PDT, 12 AMP
9274 LEACH-9274 Datasheet
697Kb / 6P
RELAY – NONLATCH 4 PDT, 15 AMP
9330 LEACH-9330 Datasheet
375Kb / 6P
RELAY – NONLATCH 10 AMP, 2PDT
J-A1A LEACH-J-A1A Datasheet
597Kb / 5P
RELAY – NONLATCH 2 PDT, 12 AMP
K-A1A LEACH-K-A1A Datasheet
585Kb / 5P
RELAY – NONLATCH 4 PDT, 12 AMP
KA-A1F LEACH-KA-A1F Datasheet
699Kb / 5P
RELAY – NONLATCH – AC COIL 4 PDT, 10 AMP
YCA LEACH-YCA Datasheet
438Kb / 5P
RELAY - NONLATCH - AC COIL 3 PDT, LOW LEVEL TO 10 AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com