Electronic Components Datasheet Search
  English  ▼

X  

F600 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # F600
Description  RELAY - NONLATCH 6 PDT, 10 AMP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F600 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  F600 Datasheet HTML 1Page - List of Unclassifed Manufacturers F600 Datasheet HTML 2Page - List of Unclassifed Manufacturers F600 Datasheet HTML 3Page - List of Unclassifed Manufacturers F600 Datasheet HTML 4Page - List of Unclassifed Manufacturers F600 Datasheet HTML 5Page - List of Unclassifed Manufacturers F600 Datasheet HTML 6Page - List of Unclassifed Manufacturers F600 Datasheet HTML 7Page - List of Unclassifed Manufacturers F600 Datasheet HTML 8Page - List of Unclassifed Manufacturers F600 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SCHEMATIC DIAGRAM
F600
NUMBERING SYSTEM
F600 - B
4
A
C
Basic series designation__________________________|
|
|
|
|
1-Mounting Style (A,B,C,D,K)____________________________|
|
|
|
2-Terminal Types (1,2,4,8)__________________________________|
|
|
3-Coil Voltage (B,A,N,E,V)______________________________________|
|
4-See Note [4] Below________________________________________________|
NOTES
1 - Relays with mounting styles B,C,D and terminal type 4 are compatible with socket families S600, SF600...
2 - Isolation spacer pads for PCB mounting available on request.
3 - For other mounting styles or terminal types, please contact the factory.
[4] -
Options
C: Circuit breaker compatibility 15 A / 1 hour; 50 A / 5 sec; 100 A / 1.2 sec; 250 A / 0.2 sec;
350 A /0.1 sec; 1400 A /2 msec
D: low level: 1 mAmp / 30 mV
H: High current version, 15 Amps resistive contact rating
TYPICAL CHARACTERISTICS (Vdc)
G
Coil resistance temperature change: See application note no. 001
G
L/R ratio for all types of DC coils is: ~ 11 ms.
G
Switching life for operation on DC voltage other than 28V: See application note no. 002
Date of issue: 01/07
- 108 -
Page 4 of 4
3
D
E
F
-X2
+
B
C
A
1
3
+X1 2
D
E
F
-X2
B
C
+
A
1 +X1 2
CE
BOTTOM VIEW, DE-ENERGIZED COIL
N COIL
CE : EXPORTED SPIKES
SUPPRESSOR DEVICE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com