Electronic Components Datasheet Search
  English  ▼

X  

F600 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # F600
Description  RELAY - NONLATCH 6 PDT, 10 AMP
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

F600 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button F600 Datasheet HTML 7Page - List of Unclassifed Manufacturers F600 Datasheet HTML 8Page - List of Unclassifed Manufacturers F600 Datasheet HTML 9Page - List of Unclassifed Manufacturers F600 Datasheet HTML 10Page - List of Unclassifed Manufacturers F600 Datasheet HTML 11Page - List of Unclassifed Manufacturers F600 Datasheet HTML 12Page - List of Unclassifed Manufacturers F600 Datasheet HTML 13Page - List of Unclassifed Manufacturers F600 Datasheet HTML 14Page - List of Unclassifed Manufacturers F600 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
WIRE GAUGE TO BE SEALED BY THE GROMMET
S600/S601
Code A
Contact size 16-16
1.65mm to 2.76mm
CONTACT SIZE AND STYLE
Code 0
Contacts not supplied
Code 8
Coil Contacts
(11-16-533)
Insertion side: AWG 16-18-20
relay side: AWG 16
In accordance with Mil-C-39029-533
Quantity: 20
S600
A
9
A
8
1-Basic Series Designation________________________|
|
|
|
|
2-Terminal Types (A,B)_________________________________|
|
|
|
3-Mounting Hardware (4,7,8,9)______________________________|
|
|
4-Grommet To Seal On Wire Insulation (A)_______________________|
|
5-Contacts Size And Styles (0,8)___________________________________|
MS NUMBER CROSS REFERENCE
MS REFERENCE
M12883/47-001
M12883/47-002
M12883/47-004
M12883/47-005
S600/S601 REFERENCE
S600-A8A8
S601-B8A8
S600-A9A8
S601-B9A8
Date of issue: 3/06
- 4 -
Page 3 of 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com