Electronic Components Datasheet Search
  English  ▼

X  

L6207Q Datasheet(PDF) 1 Page - STMicroelectronics

Part # L6207Q
Description  DMOS dual full bridge driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207Q Datasheet(HTML) 1 Page - STMicroelectronics

  L6207Q Datasheet HTML 1Page - STMicroelectronics L6207Q Datasheet HTML 2Page - STMicroelectronics L6207Q Datasheet HTML 3Page - STMicroelectronics L6207Q Datasheet HTML 4Page - STMicroelectronics L6207Q Datasheet HTML 5Page - STMicroelectronics L6207Q Datasheet HTML 6Page - STMicroelectronics L6207Q Datasheet HTML 7Page - STMicroelectronics L6207Q Datasheet HTML 8Page - STMicroelectronics L6207Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
This is information on a product in full production.
June 2013
DocID018993 Rev 3
1/27
L6207Q
DMOS dual full bridge driver
Datasheet
- production data
Features
 Operating supply voltage from 8 to 52 V
 5.6 A output peak current
 RDS(on) 0.3  typ. value at Tj = 25 °C
 Operating frequency up to 100 kHz
 Non-dissipative overcurrent protection
 Dual independent constant tOFF PWM current
controllers
 Slow decay synchronous rectification
 Cross conduction protection
 Thermal shutdown
 Undervoltage lockout
 Integrated fast freewheeling diodes
Applications
 Bipolar stepper motor
 Dual or quad DC motor
Description
The L6207Q device is a DMOS dual full bridge
driver designed for motor control applications,
realized in BCDmultipower technology, which
combines isolated DMOS power transistors with
CMOS and bipolar circuits on the same chip.
The device also includes two independent
constant OFF time PWM current controllers that
perform the chopping regulation. Available in
a VFQFPN48 7 x 7 package, the L6207Q device
features thermal shutdown and a non-dissipative
overcurrent detection on the high-side Power
MOSFETs.
www.st.com


Similar Part No. - L6207Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6207 STMICROELECTRONICS-L6207 Datasheet
387Kb / 23P
DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
Sep-2003
L6207 STMICROELECTRONICS-L6207 Datasheet
1Mb / 53P
APPLICATION NOTE
Dec-2003
L6207D STMICROELECTRONICS-L6207D Datasheet
387Kb / 23P
DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
Sep-2003
L6207N STMICROELECTRONICS-L6207N Datasheet
387Kb / 23P
DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
Sep-2003
L6207PD STMICROELECTRONICS-L6207PD Datasheet
387Kb / 23P
DMOS DUAL FULL BRIDGE DRIVER WITH PWM CURRENT CONTROLLER
Sep-2003
More results

Similar Description - L6207Q

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6206 STMICROELECTRONICS-L6206 Datasheet
413Kb / 23P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6226 STMICROELECTRONICS-L6226 Datasheet
404Kb / 22P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
logo
Allegro MicroSystems
3971 ALLEGRO-3971 Datasheet
141Kb / 8P
DUAL DMOS FULL-BRIDGE DRIVER
May 2, 2000
logo
STMicroelectronics
L6204 STMICROELECTRONICS-L6204_03 Datasheet
667Kb / 12P
DMOS DUAL FULL BRIDGE DRIVER
Jul-2003
L6226Q STMICROELECTRONICS-L6226Q Datasheet
478Kb / 28P
DMOS dual full bridge driver
10-Jun-2008
L6205PD013TR STMICROELECTRONICS-L6205PD013TR Datasheet
400Kb / 21P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6206PD013TR STMICROELECTRONICS-L6206PD013TR Datasheet
426Kb / 23P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
E-L6205PD STMICROELECTRONICS-E-L6205PD Datasheet
400Kb / 21P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6225DTR STMICROELECTRONICS-L6225DTR Datasheet
389Kb / 20P
DMOS DUAL FULL BRIDGE DRIVER
Sep-2003
L6226PDTR STMICROELECTRONICS-L6226PDTR Datasheet
533Kb / 31P
DMOS dual full bridge driver
21-Oct-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com