Electronic Components Datasheet Search
  English  ▼

X  

L6207Q Datasheet(PDF) 10 Page - STMicroelectronics

Part # L6207Q
Description  DMOS dual full bridge driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207Q Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L6207Q Datasheet HTML 6Page - STMicroelectronics L6207Q Datasheet HTML 7Page - STMicroelectronics L6207Q Datasheet HTML 8Page - STMicroelectronics L6207Q Datasheet HTML 9Page - STMicroelectronics L6207Q Datasheet HTML 10Page - STMicroelectronics L6207Q Datasheet HTML 11Page - STMicroelectronics L6207Q Datasheet HTML 12Page - STMicroelectronics L6207Q Datasheet HTML 13Page - STMicroelectronics L6207Q Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
Circuit description
L6207Q
10/27
DocID018993 Rev 3
5
Circuit description
5.1
Power stages and charge pump
The L6207Q device integrates two independent power MOSFET full bridges, each power
MOSFET has an RDS(ON) = 0.3  (typical value at 25 °C) with intrinsic fast freewheeling
diode. Cross conduction protection is implemented by using a deadtime (tDT = 1 µs typical
value) set by internal timing circuit between the turn-off and turn-on of two power MOSFETs
in one leg of a bridge.
Pins VSA and VSB must be connected together to the supply voltage (VS).
Using an N-channel power MOSFET for the upper transistors in the bridge requires a gate
drive voltage above the power supply voltage. The bootstrapped supply (VBOOT) is obtained
through an internal oscillator and a few external components to realize a charge pump
circuit, as shown in Figure 5. The oscillator output (pin VCP) is a square wave at 600 kHz
(typically) with 10 V amplitude. Recommended values/part numbers for the charge pump
circuit are shown in Table 5.
Figure 5. Charge pump circuit
Table 5. Charge pump external component values
Component
Value
CBOOT
220 nF
CP
10 nF
RP
100
D1
1N4148
D2
1N4148
AM02559v1
D2
CBOOT
D1
RP
CP
VS
VSA
VCP
VBOOT
VSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com