Electronic Components Datasheet Search
  English  ▼

X  

L6207Q Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6207Q
Description  DMOS dual full bridge driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207Q Datasheet(HTML) 5 Page - STMicroelectronics

  L6207Q Datasheet HTML 1Page - STMicroelectronics L6207Q Datasheet HTML 2Page - STMicroelectronics L6207Q Datasheet HTML 3Page - STMicroelectronics L6207Q Datasheet HTML 4Page - STMicroelectronics L6207Q Datasheet HTML 5Page - STMicroelectronics L6207Q Datasheet HTML 6Page - STMicroelectronics L6207Q Datasheet HTML 7Page - STMicroelectronics L6207Q Datasheet HTML 8Page - STMicroelectronics L6207Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 27 page
background image
DocID018993 Rev 3
5/27
L6207Q
Pin connection
27
3
Pin connection
Figure 2. Pin connection (top view)
Note:
The exposed PAD must be connected to GND pin.
1
2
3
4
5
6
7
8
9
10
11
12
36
35
34
33
32
31
30
29
28
27
26
25
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
EPAD
OUT1A
OUT1A
NC
NC
OUT1B
OUT1B
NC
NC
GND
NC
NC
NC
VSA
VSA
NC
NC
VSB
VSB
NC
NC
GND
NC
NC
NC
AM02556v1
Table 3. Pin description
Pin
Name
Type
Function
43
IN1A
Logic input
Bridge A logic input 1.
44
IN2A
Logic input
Bridge A logic input 2.
45, 46
SENSEA
Power supply
Bridge A source pin. This pin must be connected to power ground
through a sensing power resistor.
48
RCA
RC pin
RC network pin. A parallel RC network connected between this pin and
ground sets the current controller OFF time of bridge A.
2, 3
OUT1A
Power output
Bridge A output 1.
6, 31
GND
GND
Signal ground terminals. These pins are also used for heat dissipation
toward the PCB.
10, 11
OUT1B
Power output
Bridge B output 1.
13
RCB
RC pin
RC network pin. A parallel RC network connected between this pin and
ground sets the current controller OFF time of bridge B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com