Electronic Components Datasheet Search
  English  ▼

X  

L6207Q Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6207Q
Description  DMOS dual full bridge driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6207Q Datasheet(HTML) 4 Page - STMicroelectronics

  L6207Q Datasheet HTML 1Page - STMicroelectronics L6207Q Datasheet HTML 2Page - STMicroelectronics L6207Q Datasheet HTML 3Page - STMicroelectronics L6207Q Datasheet HTML 4Page - STMicroelectronics L6207Q Datasheet HTML 5Page - STMicroelectronics L6207Q Datasheet HTML 6Page - STMicroelectronics L6207Q Datasheet HTML 7Page - STMicroelectronics L6207Q Datasheet HTML 8Page - STMicroelectronics L6207Q Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Electrical data
L6207Q
4/27
DocID018993 Rev 3
2
Electrical data
2.1
Absolute maximum ratings
2.2
Recommended operating conditions
Table 1. Absolute maximum ratings
Symbol
Parameter
Test condition
Value
Unit
VS
Supply voltage
VSA = VSB = VS
60
V
VOD
Differential voltage between VSA, OUT1A,
OUT2A, SENSEA and VSB, OUT1B, OUT2B,
SENSEB
VSA = VSB = VS = 60 V;
VSENSEA = VSENSEB = GND
60
V
VBOOT
Bootstrap peak voltage
VSA = VSB = VS
VS + 10
V
VIN,VEN
Input and enable voltage range
-0.3 to +7
V
VREFA,
VREFB
Voltage range at pins VREFA and VREFB
-0.3 to +7
V
VRCA,VRCB Voltage range at pins RCA and RCB
-0.3 to +7
V
VSENSEA,
VSENSEB
Voltage range at pins SENSEA and SENSEB
-1 to +4
V
IS(peak)
Pulsed supply current (for each VS pin),
internally limited by the overcurrent
protection
VSA = VSB = VS;
tPULSE < 1 ms
7.1
A
IS
RMS supply current (for each VS pin)
VSA = VSB = VS
2.5
A
Tstg, TOP
Storage and operating temperature range
-40 to 150
°C
Table 2. Recommended operating conditions
Symbol
Parameter
Test condition
Min.
Max.
Unit
VS
Supply voltage
VSA = VSB = VS
8
52
V
VOD
Differential voltage between VSA, OUT1A,
OUT2A, SENSEA and VSB, OUT1B, OUT2B,
SENSEB
VSA = VSB = VS;
VSENSEA = VSENSEB
52
V
VSENSEA,
VSENSEB
Voltage range at pins SENSEA and SENSEB
Pulsed tW < trr
-6
6
V
DC
-1
1
V
IOUT
RMS output current
2.5
A
Tj
Operating junction temperature
-25
+125
°C
fsw
Switching frequency
100
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com