Electronic Components Datasheet Search
  English  ▼

X  

PDUBHV10 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PDUBHV10
Description  Single-Phase Hot-Swap PDU, 2-2.4kW 10A 200-240V, 2U Horizontal Rackmount, 8 C13 outlets,set of 2 C14 inputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDUBHV10 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PDUBHV10 Datasheet HTML 1Page - List of Unclassifed Manufacturers PDUBHV10 Datasheet HTML 2Page - List of Unclassifed Manufacturers PDUBHV10 Datasheet HTML 3Page - List of Unclassifed Manufacturers PDUBHV10 Datasheet HTML 4Page - List of Unclassifed Manufacturers PDUBHV10 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
is removed and replaced with a fresh one
Once the new UPS is up and running with all connections restored, set the switch back to the UPS setting to once again provide fully-conditioned UPS
power to connected equipment
Specifications
OVERVIEW
PDU Type
Hot-Swap
OUTPUT
Output Watt Capacity (watts)
2300
Output Capacity Details
2.1kW (208V input), 2.2kW (220V input), 2.3kW (230V input), 2.4kW (240V input), 2.0kW (200V input); 10A
maximum
Frequency compatibility
50 / 60 Hz
Output nominal voltage
200-240V nominal, single phase
Outlet quantity / type
8 C13 outlets support critical connected loads; 1 designated pass-through C13 outlet supports C14 input plug from
UPS
Outlet Type
IEC-C13
INPUT
PDU Input Voltage
200; 208; 220; 230; 240
Maximum Input Amps (A)
10
Input connection type
UTILITY & UPS inputs are available from separately labelled C14 inlets, compatible with included C13-C14
interconnect cables or with compatible user-supplied cabling
PDU Plug Type
IEC-320 C14
Input cord length (ft.)
6
Input cord length (m)
1.83
Phase
Single-Phase
LEDS ALARMS & SWITCHES
Switches
Manual 2 position transfer switch offers fast switching between UPS and Utility operating modes in less than 6
milliseconds
Front panel LEDs
Lighted indicators confirm UPS and Utility switch position and operating mode
PHYSICAL
Shipping Dimensions (HWD/in)
9.84 x 22.75 x 9.44
Shipping Dimensions (HWD/cm)
25 x 57.8 x 24
Shipping weight (lbs)
11
Shipping weight (kg)
5
2 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com