Electronic Components Datasheet Search
  English  ▼

X  

PDUBHV10 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PDUBHV10
Description  Single-Phase Hot-Swap PDU, 2-2.4kW 10A 200-240V, 2U Horizontal Rackmount, 8 C13 outlets,set of 2 C14 inputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDUBHV10 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PDUBHV10 Datasheet HTML 1Page - List of Unclassifed Manufacturers PDUBHV10 Datasheet HTML 2Page - List of Unclassifed Manufacturers PDUBHV10 Datasheet HTML 3Page - List of Unclassifed Manufacturers PDUBHV10 Datasheet HTML 4Page - List of Unclassifed Manufacturers PDUBHV10 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
P005-006-GN
6-ft. Heavy-Duty 14AWG Power cord (IEC-320-C13 to IEC-320-C14) Green Connectors
1
P005-006-RD
6-ft. Heavy-Duty 14AWG Power Cord (IEC-320-C13 to IEC-320-C14) with Red Connectors
1
P005-006-YW
6-ft. Heavy-Duty 14AWG Power cord (IEC-320-C13 to IEC-320-C14) Yellow Connectors
1
P004-010
10-ft. 18AWG Power cord (IEC-320-C14 to IEC-320-C13)
1
P005-010
10-ft. Heavy-Duty 14AWG Power cord (IEC-320-C13 to IEC-320-C14)
1
P047-002
2-ft. 14AWG Heavy Duty Power cord (IEC-320-C19 to IEC-320-C14)
1
P047-004
4-ft. 14AWG Heavy Duty Power cord (IEC-320-C19 to IEC-320-C14)
1
P047-006
6-ft. 14AWG Heavy Duty Power cord (IEC-320-C19 to IEC-320-C14)
1
P047-010
10-ft. 14AWG Heavy Duty Power cord (IEC-320-C19 to IEC-320-C14)
1
More information, including related products, owner's manuals, and additional technical specifications, can be found online at:
http://www.tripplite.com/sku/PDUBHV10.
© 2014 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
4 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com