Electronic Components Datasheet Search
  English  ▼

X  

PDUBHV10 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PDUBHV10
Description  Single-Phase Hot-Swap PDU, 2-2.4kW 10A 200-240V, 2U Horizontal Rackmount, 8 C13 outlets,set of 2 C14 inputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDUBHV10 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PDUBHV10 Datasheet HTML 1Page - List of Unclassifed Manufacturers PDUBHV10 Datasheet HTML 2Page - List of Unclassifed Manufacturers PDUBHV10 Datasheet HTML 3Page - List of Unclassifed Manufacturers PDUBHV10 Datasheet HTML 4Page - List of Unclassifed Manufacturers PDUBHV10 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Single-Phase Hot-Swap PDU, 2-2.4kW 10A
200-240V, 2U Horizontal Rackmount, 8 C13 outlets,
set of 2 C14 inputs
MODEL NUMBER: PDUBHV10
Description
Tripp Lite’s Hot-swap PDU systems enable live-replacement of standard UPS systems for maintenance with no
interruption of connected server or networking loads. Dual input power cables support PDU connection to
separate Utility and UPS power sources. Manual transfer switch with lighted status indicators controls the source
of power to connected equipment between Utility and UPS. Set the switch to UPS during normal operation and
connected equipment will receive full-time conditioned power from the UPS. Set the switch to Utility to
momentarily power connected equipment from the Utility line cord and bypass the UPS while the UPS system is
removed and replaced with a fresh one. Once the new UPS is up and running with all data and electrical
connections restored, set the switch back to the UPS setting to once again provide fully-conditioned UPS power
to connected equipment.
Features
Tripp Lite Hot-swap PDU systems support live-replacement of standard UPS systems for maintenance with
no interruption of connected server or networking loads
PDUBHV10 is universally compatible with any Tripp Lite or other brand of 200-240V UPS rated up to 1500VA with a C14 input cable option
2U horizontal rackmount form factor compatible with 2 or 4 post racks
Supports space saving rear-post mounting in the same rack space as many Tripp Lite Rackmount UPS systems (select installations, see manual)
Pair of detachable PDU input cables connect to separate Utility and UPS power sources (2 C13-C14 interconnect cables included - user supplied
alternate cabling supported)
8 C13 outlets support critical networking loads in both Utility and UPS operating modes
One additional C13 pass-through outlet supports UPS input power cord
Dual input power cables support PDU connection to separate Utility and UPS power sources
Manual transfer switch with lighted status indicators controls the source of power to connected equipment between Utility and UPS
Set the switch to UPS during normal operation and connected equipment will receive full-time conditioned power from the UPS
Set the switch to Utility to bypass the UPS and provide connected equipment with unfiltered power directly from the Utility line cord while the UPS system
Highlights
Single phase 10A 200-240V
Hot-swap PDU
Enables live replacement of a
standard UPS with zero downtime
2U horizontal rackmount
installation
Compatible with any 200-240V
UPS with a C14 input
Manual transfer switch controls
PDU input power source
Pair of C14 compatible inputs
connect to separate Utility and
UPS inputs
8 Built-in C13 outlets
Applications
Hot-swap PDUs are ideal to install
along with standard UPS systems to
ensure that connected networking
equipment will see no power
interruption as the UPS is serviced,
replaced or upgraded
Package Includes
Hot-swap PDU System
2U mounting brackets
Set of 2 C13-C14 interconnect
cables
User manual with warranty
information
1 / 4


Similar Part No. - PDUBHV10

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
PDUBHV10 TRIPPLITE-PDUBHV10 Datasheet
158Kb / 3P
2-2.4kW Single-Phase Hot-Swap PDU, 200-240V 10A Outlets (8-C13), 2-C14, 200-240V Input, 6ft Cords 2U Rack-Mount
PDUBHV101U TRIPPLITE-PDUBHV101U Datasheet
173Kb / 3P
200-250V 10A Single-Phase Hot-Swap PDU with Manual Bypass - 6 C13 Outlets, 2 C14 Inlets, 1U Rack/Wall
More results

Similar Description - PDUBHV10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDU12IEC ETC2-PDU12IEC Datasheet
487Kb / 5P
Single-Phase Basic PDU, 1.6-3.8kW 16A 100-240V 1U Horizontal Rackmount, 12 C13 and 2 C19 outlets, C20 inlet
PDUB15 ETC2-PDUB15 Datasheet
486Kb / 5P
Single-Phase Hot-Swap PDU, 1.4kW 15A 120V, 2U Horizontal Rackmount, 8 NEMA 5-15R outlets, set of 2 NEMA 5-15P input plugs
PDUB20 ETC2-PDUB20 Datasheet
483Kb / 5P
Single-Phase Hot-Swap PDU, 1.9kW 20A 120V, 2U Horizontal Rackmount, 4 NEMA 5-15R & 4 NEMA
PDUB30 ETC2-PDUB30 Datasheet
486Kb / 5P
Single-Phase Hot-Swap PDU, 2.9kW 30A 120V, 2U Horizontal Rackmount, 6 NEMA 5-15/20R and 1
PDUBHV20 ETC2-PDUBHV20 Datasheet
488Kb / 4P
Single-Phase Hot-Swap PDU, 3.2-3.8kW 16A 200-240V, 2U Horizontal Rackmount, 6 C13 and 2 C19 outlets, set of 2 C20 inputs
logo
Tripp Lite. All Rights ...
PDUBHV10 TRIPPLITE-PDUBHV10 Datasheet
158Kb / 3P
2-2.4kW Single-Phase Hot-Swap PDU, 200-240V 10A Outlets (8-C13), 2-C14, 200-240V Input, 6ft Cords 2U Rack-Mount
PDUBHV20 TRIPPLITE-PDUBHV20 Datasheet
160Kb / 3P
3.2-3.8kW Single-Phase Hot-Swap PDU, 200-240V 16A (6-C13, 2-C19) 2-C20, 200-240V Input, 6ft Cords 2U Rack-Mount
PDUMH15HVATNET TRIPPLITE-PDUMH15HVATNET Datasheet
163Kb / 4P
2-2.4kW Single-Phase ATS/Switched PDU, LX Platform, 200-240V Outlets (10 C13), 2 C14 Inlets, 3.6 m Cords, 1U, TAA
PDUBHV101U TRIPPLITE-PDUBHV101U Datasheet
173Kb / 3P
200-250V 10A Single-Phase Hot-Swap PDU with Manual Bypass - 6 C13 Outlets, 2 C14 Inlets, 1U Rack/Wall
PDUMNH32HVAT2 TRIPPLITE-PDUMNH32HVAT2 Datasheet
168Kb / 4P
7.4kW 200-240V Single-Phase ATS/Monitored PDU - 16 C13 & 2 C19 Outlets, Dual IEC 309 32A Blue Inputs, 3 m Cords, 2U, TAA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com