Electronic Components Datasheet Search
  English  ▼

X  

PDUBHV10 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # PDUBHV10
Description  Single-Phase Hot-Swap PDU, 2-2.4kW 10A 200-240V, 2U Horizontal Rackmount, 8 C13 outlets,set of 2 C14 inputs
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PDUBHV10 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  PDUBHV10 Datasheet HTML 1Page - List of Unclassifed Manufacturers PDUBHV10 Datasheet HTML 2Page - List of Unclassifed Manufacturers PDUBHV10 Datasheet HTML 3Page - List of Unclassifed Manufacturers PDUBHV10 Datasheet HTML 4Page - List of Unclassifed Manufacturers PDUBHV10 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Unit Dimensions (HWD/in)
3.42 x 17.32 x 3.03
Unit Dimensions (HWD/cm)
8.7 x 44 x 7.7
Unit weight (lbs)
7.7
Unit weight (kg)
3.5
Material of construction
Steel
Style
Rackmount
Form factors supported
2U rackmount in 2 or 4 post racks
PDU Form Factor
Horizontal (1U, 2U, etc)
ENVIRONMENTAL
Relative Humidity
0-95% non condensing
CERTIFICATIONS
TAA Compliant Option
TAA Compliant Version Available - Order Tripp Lite PDUBHV10TAA
Certifications
Tested to UL60950 (USA), CSA (Canada), CE (IEC60950)
WARRANTY
Product Warranty Period (Worldwide)
2-year limited warranty
Related Items
Optional Products
Model Number
Description
Qty.
P004-002-13LA
AC Power Extension Cable - C13 Left Angle to C14 - 2'
1
P004-002-13RA
AC Power Extension Cable - C13 Right Angle to C14 - 2 ft.
1
P005-12N
1-ft. (12 in.) Heavy-Duty 14AWG Power Cord (IEC-320-C13 to IEC-320-C14)
1
P005-18N
1.5-ft. (18 in.) Heavy-Duty 14AWG Power Cord (IEC-320-C13 to IEC-320-C14)
1
P005-002
2-ft. Heavy-Duty 14AWG Power cord ( IEC-320-C13 to IEC-320-C14)
1
P004-002-5
5-Pack of 2-ft. 18AWG Power cord (IEC-320-C14 to IEC-320-C13)
1
P004-004
4-ft. 18AWG Power cord (IEC-320-C14 to IEC-320-C13)
1
P004-004-BL
4-ft. 18 AWG Power Cord (IEC-320-C14 to IEC-320-C13) with Blue Connectors
1
P004-004-GN
4-ft. 18 AWG Power Cord (IEC-320-C14 to IEC-320-C13) with Green Connectors
1
P004-004-RD
4-ft. 18 AWG Power Cord (IEC-320-C14 to IEC-320-C13) with Red Connectors
1
P004-004-YW
4-ft. 18 AWG Power Cord (IEC-320-C14 to IEC-320-C13) with Yellow Connectors
1
P005-006
6-ft. Heavy-Duty 14AWG Power cord (IEC-320-C13 to IEC-320-C14)
1
P005-006-BL
6-ft. Heavy-Duty 14AWG Power cord (IEC-320-C13 to IEC-320-C14) Blue Connectors
1
3 / 4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com