Electronic Components Datasheet Search
  English  ▼

X  

SMART1500 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SMART1500
Description  SmartPro Tower UPS System - Intelligent, line interactive network power management system
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1500 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SMART1500 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Supports Tripp Lite's WatchDog software application to restore unresponsive programs by automatically restarting them and rebooting completely locked
computers by automatically switching UPS power off and back on again
Notification of system status via 5 LEDs and multi-function audible alarms
Wall mountable with UPSWM wallmount bracket
Attractive small footprint beige tower housing uses less than 66 square inches
Hot-swappable/user replaceable batteries allow on-site battery replacement
Cold start capability enables UPS turn-on in battery mode during blackout conditions
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
1500
Output kVA capacity (kVA)
1.5
Output Watt Capacity (watts)
980
Output power factor
0.7
Nominal Output Voltage(s)
Supported
120V
Frequency compatibility
60 Hz
Output voltage regulation (line mode)
-18%, +8%
Output voltage regulation (Battery
mode)
+/- 5%
Built-in UPS output receptacles
6 5-15R outlet(s)
Built-in controllable switched load
banks
One switchable single-outlet 5-15R load bank
Output AC waveform (AC mode)
Sine wave
Output AC waveform (battery mode)
PWM sine wave
INPUT
Rated input current (at maximum
load)
12A
Nominal Input Voltage(s) Supported
120V AC
UPS input connection type
5-15P
Input circuit breaker
15A
UPS Input cord length (ft.)
6
UPS Input cord length (m)
1.8
Recommended Electrical Service
15A 120V
Phase
Single-Phase
BATTERY
2 / 6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com