Electronic Components Datasheet Search
  English  ▼

X  

SMART1500 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SMART1500
Description  SmartPro Tower UPS System - Intelligent, line interactive network power management system
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1500 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SMART1500 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CERTIFICATIONS
UPS Certifications
Tested to UL1778 (USA); Tested to CSA (Canada); Tested to NOM (Mexico); Meets FCC Part 15 Category A (EMI)
WARRANTY
Product Warranty Period (Worldwide)
2-year warranty, 3 year with registration. Note: Registration is required for 3-year warranty.
Connected Equipment Insurance
(U.S., Canada & Puerto Rico)
$250,000 Ultimate Lifetime Insurance
Related Items
Optional Products
Model Number
Description
Qty.
UPSWM
Wallmount Bracket and installation accessories (4 washers, 4 screws, 1 Velcro safety strap)
1
WEXT5-500-1500
5-Year Extended Warranty - For Smart Line-Interactive and Online Tower or Rack models, 1500VA
or less
1
WATCHDOGSW
WatchDog Service Monitoring / Reboot Software
1
RBC53
UPS Replacement Battery Cartridge Kit for select Tripp Lite, Best, Powerware, Liebert and other
UPS
1
PDU1215
Basic PDU / Power Distribution Unit - Safe, reliable power distribution for critical networking
equipment
1
PDUNV
Basic PDU / Power Distribution Unit - Safe, reliable power distribution for critical networking
equipment
1
PDUMH15
Metered PDU / Power Distribution Unit - Safe, reliable power distribution with digital current meter
1
PDUMH15AT
Metered PDU with ATS - Power Distribution Unit with dual-input Auto Transfer Switching
1
PDUMNH15
Monitored PDU / Power Distribution Unit supports real-time remote monitoring of load level, voltage
and frequency with options for remote environmental and security monitoring
1
PDUMNV15
Monitored PDU / Power Distribution Unit supports real-time remote monitoring of load level, voltage
and frequency with options for remote environmental and security monitoring
1
PDUMH15ATNET
Switched, Metered PDU with ATS - Power Distribution Unit with dual-input Auto Transfer Switching,
individual outlet control and remote network interface
1
PDUMV15NET
Switched, Metered PDU with Remote Monitoring - 0U Vertical Rackmount Power Distribution Unit
for Networks with Individually Switchable Outlets, Current Metering, Remote Monitoring and Control
1
P007-002
2-ft. Heavy-Duty 14AWG Power cord
(IEC-320-C13 to NEMA 5-15P)
1
P007-006
6-ft. Heavy-Duty 14AWG Power cord
(IEC-320-C13 to NEMA 5-15P)
1
P007-010
10-ft. Heavy-Duty 14AWG Power cord
(IEC-320-C13 to NEMA 5-15P)
1
P010-012
12-ft. 18AWG Power cord
(NEMA 5-15P to IEC-320-C13)
1
5 / 6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com