Electronic Components Datasheet Search
  English  ▼

X  

SMART1500 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMART1500
Description  SmartPro Tower UPS System - Intelligent, line interactive network power management system
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1500 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMART1500 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SmartPro Tower UPS System - Intelligent, line
interactive network power management system
MODEL NUMBER: SMART1500
Description
Tripp Lite's SMART1500 intelligent, line interactive UPS system protects servers, networking accessories and
telecommunications equipment from blackouts, voltage fluctuations and transient surges. Large internal batteries
offer 20 minutes half load runtime and 7 minutes at full load during power failures. 1500VA/980 watt power handling capability supports a variety of networking,
telecom and various other application types, including the support of multiple network workstations. Includes a total of 6 outlets, 1 of which can be individually
powered on and off via software interface to selectively reboot remote equipment or to automatically shed less significant loads to extend battery runtime for
more critical equipment. Supports remote monitoring of UPS and site power conditions via built-in USB and DB9 monitoring ports. Includes PowerAlert UPS
monitoring and unattended shutdown software with complete cabling. Built-in audible alarm and 5 front panel LEDs indicate status of line power, battery
power, battery low/replace, voltage regulation and load level. Wall mountable with optional UPSWM wallmount bracket. Network-grade AC surge suppression
protects equipment from damage and performance problems resulting from transient surges. Attractive, small-footprint tower housing uses less than 66 square
inches of floor or desktop space.
Features
1500VA/980 watt power handling capability supports a variety of networking, telecom and various other application types
Built-in voltage regulation and battery support, plus complete AC suppression prevents equipment damage, data loss and downtime
Large internal batteries offer 20 minutes half load runtime and 7 minutes at full load during power failures
Automatic Voltage Regulation (AVR) circuits with two boost and one voltage reduction level maintains usable 120V nominal output over an input voltage
range of 75-147V
Includes a total of 6 NEMA5-15R outlets, 1 of which can be individually powered on and off via software interface to selectively reboot remote equipment
or shed less significant loads to extend battery runtime for more critical equipment
Includes 1 USB and 1 DB9 monitoring port for remote monitoring of UPS status and site power conditions
Communications ports enable safe unattended shutdown without data loss during extended power failures
Communications ports support messaging of UPS and line power status, including on-battery, low-battery, power-restored, AC line voltage, DC battery
voltage and battery capacity
Communications ports support timed inverter shutoff after unattended shutdown, activate self-test and 10 second reboot of connected equipment
PowerAlert UPS monitoring and unattended shutdown software with complete cabling included
Supports Tripp Lite's WatchDog software application to restore unresponsive programs by automatically restarting them and rebooting completely locked
Highlights
1.5kVA / 1500VA line interactive
tower UPS system
120V output, Corrects brownouts
and overvoltages from 75V to
147V
Front panel status LEDs with
load and battery capacity level
display
USB & RS232 ports, 1 switched
load bank, Hot-swap batteries
NEMA 5-15P input, 6 5-15R
outlets
Package Includes
SMART1500 UPS System
USB and DB9 monitoring cables
PowerAlert unattended shutdown
and UPS/Power monitoring
software
1 / 6


Similar Part No. - SMART1500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART1500CRMXL ETC2-SMART1500CRMXL Datasheet
500Kb / 7P
SmartPro 1.5kVA 1440W Line Interactive Sine Wave UPS, Extended-run & SNMPWEBCARD options
logo
Tripp Lite. All Rights ...
SMART1500CRMXL TRIPPLITE-SMART1500CRMXL_15 Datasheet
490Kb / 5P
SmartPro 120V 1.5kVA 1440W Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, USB, DB9 Serial
logo
List of Unclassifed Man...
SMART1500LCD ETC2-SMART1500LCD Datasheet
502Kb / 6P
Smart LCD 1500VA 2U Rack/Tower Line-Interactive 120V UPS with LCD display, USB & serial ports
logo
Tripp Lite. All Rights ...
SMART1500LCDT TRIPPLITE-SMART1500LCDT Datasheet
550Kb / 5P
SmartPro LCD 120V 1500VA 900W Line-Interactive UPS, Tower, LCD Display, USB
SMART1500LCDTXL TRIPPLITE-SMART1500LCDTXL Datasheet
179Kb / 5P
Line-Interactive UPS 1440VA 1200W - 8 NEMA 5-15R Outlets, AVR, USB, Serial, LCD, Extended Run, Tower
More results

Similar Description - SMART1500

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SMART700 ETC2-SMART700 Datasheet
509Kb / 5P
SmartPro Tower UPS System - Intelligent
SMART750 ETC2-SMART750 Datasheet
501Kb / 6P
SmartPro .75kVA Line Interactive UPS, Tower USB 120V
SMART750XL ETC2-SMART750XL Datasheet
512Kb / 6P
SmartPro XL Expandable Tower UPS System - Intelligent, line-interactive battery backup and network power management
SMART2200VS ETC2-SMART2200VS Datasheet
512Kb / 6P
SmartPro 2.2kVA Line Interactive UPS, SNMPWEBCARD option, Tower, USB, Serial, 120V
SMART2200VSXL ETC2-SMART2200VSXL Datasheet
516Kb / 7P
SmartPro 2.2kVA Line Interactive UPS, Extended-run & SNMPWEBCARD options, Tower
SMX500RT1U ETC2-SMX500RT1U Datasheet
490Kb / 5P
SmartPro .5kVA Line Interactive UPS, SNMPWEBCARD option, 1U Rack/Tower, USB
logo
Tripp Lite. All Rights ...
SMART700SER TRIPPLITE-SMART700SER Datasheet
491Kb / 4P
SmartPro 120V 700VA 450W Line-Interactive UPS,Tower, DB9 Serial
SMART1050 TRIPPLITE-SMART1050_15 Datasheet
502Kb / 5P
SmartPro 120V 1.05kVA 705W Line-Interactive UPS,Tower, 120V, USB port
SMART1500 TRIPPLITE-SMART1500_15 Datasheet
510Kb / 5P
SmartPro 120V 1.5kVA 980W Line-Interactive UPS,Tower, USB, DB9 Serial
SMARTINT1500 TRIPPLITE-SMARTINT1500 Datasheet
494Kb / 5P
SmartPro 230V 1.5kVA 940W Line-Interactive UPS,Tower, DB9 Serial
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com