Electronic Components Datasheet Search
  English  ▼

X  

SMART1500 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SMART1500
Description  SmartPro Tower UPS System - Intelligent, line interactive network power management system
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SMART1500 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SMART1500 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 2Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 3Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 4Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 5Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 6Page - List of Unclassifed Manufacturers SMART1500 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Full load runtime (minutes)
7 min. (980w)
Half load runtime (minutes)
20 min. (490w)
DC system voltage (VDC)
36V DC
Battery recharge rate (included
batteries)
Less than 4 hours from 10% to 90%
Replacement battery cartridge
(internal UPS battery replacement)
RBC53
Battery Access
Battery access door
Battery replacement description
Hot-swappable, user replaceable batteries
VOLTAGE REGULATION
Voltage regulation description
Automatic voltage regulation (AVR) maintains line power operation with an input voltage range of 75 to 147
Overvoltage correction
Input voltages between 128 and 147 are reduced by 12%
Undervoltage correction
Input voltages between 93 and 107 are boosted by 14%
Severe undervoltage correction
Input voltages between 75 and 92 are boosted by 30%
LEDS ALARMS & SWITCHES
LED Indicators
5 LEDs indicate line power, battery power, overload, voltage regulation and battery low/replace status
Alarms
Audible alarm indicates power-failure, overload and low-battery conditions
Alarm cancel operation
Power-fail alarm can be silenced using alarm-cancel switch; once silenced, alarm will re-sound to indicate
low-battery status
Switches
2 Switches control off/on power status and alarm-cancel/self-test operation
SURGE / NOISE SUPPRESSION
UPS AC suppression joule rating
480
UPS AC suppression response time
Instantaneous
EMI / RFI AC noise suppression
Yes
PHYSICAL
Installation form factors supported
with included accessories
Tower
Installation form factors supported
with optional accessories
Wallmount (UPSWM - tower mounting kit)
Primary form factor
Tower
UPS / Power Module dimensions in
primary form factor (height x width x
depth / inches)
12.8 x 7.5 x 9
UPS / Power Module dimensions in
primary form factor (height x width x
depth / cm)
32.4 x 19 x 22.9
UPS / Power Module weight (lbs)
38.4
3 / 6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com