Electronic Components Datasheet Search
  English  ▼

X  

PC844X Datasheet(PDF) 7 Page - Sharp Corporation

Part # PC844X
Description  DIP 16pin (4-channel) AC Input Photocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC844X Datasheet(HTML) 7 Page - Sharp Corporation

Back Button PC844X Datasheet HTML 3Page - Sharp Corporation PC844X Datasheet HTML 4Page - Sharp Corporation PC844X Datasheet HTML 5Page - Sharp Corporation PC844X Datasheet HTML 6Page - Sharp Corporation PC844X Datasheet HTML 7Page - Sharp Corporation PC844X Datasheet HTML 8Page - Sharp Corporation PC844X Datasheet HTML 9Page - Sharp Corporation PC844X Datasheet HTML 10Page - Sharp Corporation PC844X Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Forward current IF (mA)
0
0
2
4
6
2468
10
1mA
3mA
5
3
1
9
7
5
3
1
5mA
7mA
11 12 13 14 15
Ta
=25˚C
IC
=0.5mA
Fig.12 Collector-emitter Saturation Voltage
vs. Forward Current
5
5
5
5
5
5
80
60
40
20
0
−30
100
10
−5
10
−6
10
−7
10
−8
10
−9
10
−10
10
−11
Ambient temperature Ta (˚C)
VCE
=50V
Fig.11 Collector Dark Current vs. Ambient
Temperature
50
0
100
150
025
100
75
50
Ambient temperature Ta (
˚C)
−30
IF=1mA
VCE=5V
Fig.9 Relative Current Transfer Ratio vs.
Ambient Temperature
Ambient temperature Ta (˚C)
0
−30
0.01
0
20
40
60
80
100
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.1
IF=20mA
IC=1mA
Fig.10 Collector - emitter Saturation Voltage
vs. Ambient Temperature
7
PC844X Series
0.1
0.5
0.2
1
2
5
10
0
20
50
60
80
100
120
140
20
40
Forward current IF (mA)
VCE=5V
Ta=25˚C
Fig.7 Current Transfer Ratio vs. Forward
Current
0
0
Collector-emitter voltage VCE (V)
10
2
20
30
468
10
20mA
10mA
5mA
1mA
Ta
=25˚C
PC (MAX.)
IF=30mA
Fig.8 Collector Current vs. Collector-emitter
Voltage
Sheet No.: D2-A03602EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com