Electronic Components Datasheet Search
  English  ▼

X  

PC844X Datasheet(PDF) 2 Page - Sharp Corporation

Part # PC844X
Description  DIP 16pin (4-channel) AC Input Photocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC844X Datasheet(HTML) 2 Page - Sharp Corporation

  PC844X Datasheet HTML 1Page - Sharp Corporation PC844X Datasheet HTML 2Page - Sharp Corporation PC844X Datasheet HTML 3Page - Sharp Corporation PC844X Datasheet HTML 4Page - Sharp Corporation PC844X Datasheet HTML 5Page - Sharp Corporation PC844X Datasheet HTML 6Page - Sharp Corporation PC844X Datasheet HTML 7Page - Sharp Corporation PC844X Datasheet HTML 8Page - Sharp Corporation PC844X Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
■ Internal Connection Diagram
2
■ Outline Dimensions
Product mass : approx. 1.0g
(Unit : mm)
θ
PC844
Rank mark
Date code
2.54
±0.25
7.62
±0.3
θ
θ : 0 to 13˚
Epoxy resin
12
3
4
5
6
7
8
11
10
13
14
15
16
12
9
0.5
±0.1
0.26
±0.1
1.2
±0.3
19.82
±0.5
0.6
±0.2
Factory identification mark
Anode/Cathode
Cathode/Anode
Emitter
Collector
16
15
14
13
12
11
10
9
1 3 5 7
2 4 6 8
9 11 13 15
10 12 14 16
1
2
3
4
5
6
7
8
PC844X Series
Sheet No.: D2-A03602EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com