Electronic Components Datasheet Search
  English  ▼

X  

PC844X Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC844X
Description  DIP 16pin (4-channel) AC Input Photocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC844X Datasheet(HTML) 1 Page - Sharp Corporation

  PC844X Datasheet HTML 1Page - Sharp Corporation PC844X Datasheet HTML 2Page - Sharp Corporation PC844X Datasheet HTML 3Page - Sharp Corporation PC844X Datasheet HTML 4Page - Sharp Corporation PC844X Datasheet HTML 5Page - Sharp Corporation PC844X Datasheet HTML 6Page - Sharp Corporation PC844X Datasheet HTML 7Page - Sharp Corporation PC844X Datasheet HTML 8Page - Sharp Corporation PC844X Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PC844X Series
1. Recognized by UL1577, file No. E64380 (as model
No. PC844)
2. Package resin : UL flammability grade
(94V-0)
■ Features
■ Agency approvals/Compliance
1. Programmable controllers
2. Telephone sets, telephone exchangers
3. System appliances
4. Signal tranmission between circuits of different poten-
tials and impedances
■ Applications
DIP 16pin (4-channel)
AC Input Photocoupler
1. 16pin DIP 4-channel package
2. Double transfer mold package (ldeal for Flow Solder-
ing)
3. AC input type
4. High collector-emitter voltage (VCEO : 80V(*))
5. Current transfer ratio
(CTR : MIN. 20% at IF=±1mA, VCE=5V)
6. High isolation voltage between input and output
(Viso(rms) : 5.0kV)
(*) Up to Date code "P7" (July 2002) VCEO : 35V.
From the production Date code "J5" (May 1997) to "P7" (July
2002), however the products were screened by BVCEO≥70V.
∗1-channel package type is also available.
(model No. PC814X Series)
■ Description
PC844X Series contains an IRED optically coupled
to a phototransistor.
It is packaged in a 4-channel 16pin DIP.
Input-output isolation voltage(rms) is 5.0kV.
Collector-emitter voltage is 80V(*) and CTR is 20%
to 300% at input current of ±1mA.
1
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PC844X Series
Sheet No.: D2-A03602EN
Date Mar. 26. 2004
© SHARP Corporation


Similar Part No. - PC844X

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC844 SHARP-PC844 Datasheet
74Kb / 5P
AC Input Photocoupler
PC844 SHARP-PC844 Datasheet
335Kb / 12P
DEVICE SPECIFICATION FOR PHOTOCOUPLER
PC844A SHARP-PC844A Datasheet
74Kb / 5P
AC Input Photocoupler
More results

Similar Description - PC844X

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EL814 EVERLIGHT-EL814 Datasheet
369Kb / 13P
4 PIN DIP PHOTOTRANSISTOR AC INPUT PHOTOCOUPLER
logo
Sharp Corporation
PC814X1J000F SHARP-PC814X1J000F Datasheet
272Kb / 14P
DIP 4pin AC Input Photocoupler
PC847XJ0000F SHARP-PC847XJ0000F Datasheet
230Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
PC847X7J000F SHARP-PC847X7J000F Datasheet
230Kb / 13P
DIP 16pin (4-channel) General Purpose Photocoupler
logo
Everlight Electronics C...
H11AA1S1 EVERLIGHT-H11AA1S1 Datasheet
1Mb / 12P
6 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
logo
Sharp Corporation
PC814XP SHARP-PC814XP Datasheet
235Kb / 14P
DIP 4pin AC Input Photocoupler
logo
COSMO Electronics Corp...
KP3040 COSMO-KP3040_15 Datasheet
318Kb / 11P
16PIN PHOTOTRANSISTOR PHOTOCOUPLER
KP4040 COSMO-KP4040_15 Datasheet
304Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
KPC845 COSMO-KPC845_15 Datasheet
311Kb / 11P
16PIN PHOTODARLINGTON PHOTOCOUPLER
logo
Everlight Electronics C...
EL814 EVERLIGHT-EL814_16 Datasheet
995Kb / 13P
4 PIN DIP PHOTOTRANSISTOR PHOTOCOUPLER AC INPUT PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com