Electronic Components Datasheet Search
  English  ▼

X  

PC844X Datasheet(PDF) 8 Page - Sharp Corporation

Part # PC844X
Description  DIP 16pin (4-channel) AC Input Photocoupler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC844X Datasheet(HTML) 8 Page - Sharp Corporation

Back Button PC844X Datasheet HTML 4Page - Sharp Corporation PC844X Datasheet HTML 5Page - Sharp Corporation PC844X Datasheet HTML 6Page - Sharp Corporation PC844X Datasheet HTML 7Page - Sharp Corporation PC844X Datasheet HTML 8Page - Sharp Corporation PC844X Datasheet HTML 9Page - Sharp Corporation PC844X Datasheet HTML 10Page - Sharp Corporation PC844X Datasheet HTML 11Page - Sharp Corporation PC844X Datasheet HTML 12Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Frequency f (kHz)
0.2
20
2
200
1 000
0
100
Ω
1k
Ω
0.5 1
5
10
50 100
500
−20
−15
−10
−5
VCE
=5V
IC
=2mA
Ta
=25˚C
RL
=10kΩ
Fig.15 Frequency Response
VCC
RL
Output
RD
Please refer to the conditions in Fig.15.
VCE
Fig.16 Test Circuit for Frequency Response
Remarks : Please be aware that all data in the graph are just for reference and not for guarantee.
8
PC844X Series
VCC
tf
tr
ts
90%
10%
td
Output
Input
RL
Input
Output
RD
Please refer to the conditions in Fig.13.
VCE
Fig.14 Test Circuit for Response Time
0.01
0.1
1
10
500
200
50
0.2
0.5
2
10
0.1
1
5
20
100
50
VCE
=2V
IC
=2mA
Ta
=25˚C
ts
td
tf
tr
Load resistance RL (k
Ω)
Fig.13 Response Time vs. Load Resistance
Sheet No.: D2-A03602EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com