Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # ML7344C
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344C Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button ML7344C Datasheet HTML 18Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 19Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 20Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 21Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 22Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 23Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 24Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 25Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
22/151
●Clock output characteristics
ML7344x has configurable clock output function. It is controlled by [MON_CNTRL: B0 0x4D] register and
[GPIOn_CTRL: B0 0x4E-0x51)] registers (n=0 to 3),. Default settign is the 3.33MHz clock is output from
GPIO1.
Item
Symbol
Condition
Min
Typ.
Max
Unit
Clock output frequency
FCLKOUT
0.0064
3.33
26
MHz
8.66 MHz
33
-
67
%
Clock output duty ratio
DCLKOUT
Load
capacitance
CL=20pF
Other than
8.66 MHz
48
50
52
%
GPIOn
FCLKOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com