Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 72 Page - List of Unclassifed Manufacturers

Part # ML7344C
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344C Datasheet(HTML) 72 Page - List of Unclassifed Manufacturers

Back Button ML7344C Datasheet HTML 68Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 69Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 70Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 71Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 72Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 73Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 74Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 75Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 76Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
72/151
The following is timing chart for normal mode.
Set ADC_CLK_SEL ([ADC_CLK_SET: B1 0x08(4)]) =0b1. (1.73 MHz)
Set ED_AVG[2:0] ([ED_CTRL: B0 0x41(2-0)])=0b011. (8 times average)
Set IDLE_WAIT[9:0] ([IDLE_WAIT_L/H:B0 0x3C/3B(1-0)])=0b00 0000 0000 (IDLE detection 0µs)
[IDLE detection case]
[BUSY detection case]
ED value
(internal signal)
CCA_RSLT[1:0]
[CCA_CTRL: B0 0x39(1-0)]
INT[18] (CCA completion)
[INT_SOURCE_GRP3: B0 0x0F(2)]
CCA_EN
[CCA_CTRL: B0 0x39(4)]
ED_VALUE[7:0]
[ED_RSLT: B0 0x3A]
AD conversion
(18.5μs)
ED value average period (16μs*8=128μs)
0b10 (CCA on-going)
ED1
ED
(0-7)
0b00 (IDLE)
*1
averaging
CCA execution period (Min.296μs)
< CCA_LVL
B0 0x37
IDLE_WAIT[9:0]
should be set, for
IDLE detection
for longer period.
ED0
ED3
ED2
ED5
ED4
ED7
ED6
ED value
(internal signal)
CCA_RSLT[1:0]
[CCA_CTRL: B0 0x39(1-0)]
INT[18] (CCA completion)
[INT_SOURCE_GRP3: B0 0x0F(2)]
CCA_EN
[CCA_CTRL: B0 0x39(4)]
ED_VALUE[7:0]
[ED_RSLT: B0 0x3A]
AD conversion
(18.5μs)
ED value average period (16μs*8=128μs)
0b10 (CCA on-going)
ED1
ED
(0-7)
0b01 (BUSY)
*1
averaging
CCA execution period (Min.296μs)
> CCA_LVL
B0 0x37
IDLE_WAIT[9:0]
should be set, for
IDLE detection
for longer period.
ED0
ED3
ED2
ED5
ED4
ED7
ED6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com