Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # ML7344C
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344C Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button ML7344C Datasheet HTML 63Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 64Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 65Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 66Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 67Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 68Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 69Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 70Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
67/151
●IF frequency setting
IF frequency is 200kHz. IF frequency corresponds to each oepration frquency must be selected as below.
Operating Frequency
169MHz
(ML7344E)
315 to 450MHz
(ML7344J)
470 t0 510MHz
(ML7344C)
PLL division setting
[PLL_DIV_SET:B1 0x1A]
0x10
0x00
IF frequency setting
[IF_FREQ_H/L:B0 0x54-55]
0x1F81
0x0FC0
IF frequency setting value can be calculated using the following formula:
20
2
)
2
/
(
_
⋅
⎪⎭
⎪
⎬
⎫
⎪⎩
⎪
⎨
⎧
=
ref
IF
f
f
FREQ
IF
(Integer part)
Here
FREQ
IF _
: IF frequency setting
:
IF
f
IF frequency [MHz]
:
ref
f
PLL reference frequency (=master clock frequency: FMCK1)
[Example] ML7344C/J
IF_FREQ= {(0. 2MHz / 2) / 26MHz} * 220 (Integer part) = 4032 (0x0FC0)
[IF_FREQ_H: B0 0x54] = 0x0F
[IF_FREQ_L: B0 0x55] = 0xC0
[Example] ML7344E
IF_FREQ= {(0. 2MHz / 2) / (26/2)MHz} * 220 (Integer part) = 8065 (0x1F81)
[IF_FREQ_H: B0 0x54] = 0x1F
[IF_FREQ_L: B0 0x55] = 0x81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com