Electronic Components Datasheet Search
  English  ▼

X  

ML7344C Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # ML7344C
Description  Sub-GHz band short range wireless transceiver IC
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML7344C Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button ML7344C Datasheet HTML 37Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 38Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 39Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 40Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 41Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 42Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 43Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 44Page - List of Unclassifed Manufacturers ML7344C Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 151 page
background image
FEDL7344C/E/J-04
ML7344C/E/J
41/151
●SyncWord detection function
ML7344 supports automatic SyncWord recognition function. By having two sets of SyncWord pattern storage
area, it is possible to detect two different packet format (Format A/B) which are defined by Wireless M-Bus.
(For details, please refer to Wireless M-BUS standard) Receiving packet format is indicated by
SW_DET_RSLT([STM_STATE:B0 0x77(5)]). In Format C, it is possible to search for two SyncWords but
detected result is not indicated.
1) TX
SyncWord pattern defined by SYNCWORD_SEL ([DATA_SET2: B0 0x08(4)]) will be selected. SyncWord
length for TX is defined by SYNC_WORD_LEN[5:0] ([SYNC_WORD_LEN: B1 0x25(5-0)]). From high bit
of each SyncWord pattern will be transmitted.
SYNCWORD_SEL
TX SyncWord pattern
0
SYNC_WORD1[31:0]
([SYNCWORD1_SET3/2/1/0: B1 0x27/28/29/2A])
1
SYNC_WORD2[31:0]
([SYNCWORD2_SET3/2/1/0: B1 0x2B/2C/2D/2E])
[Example] SyncWord patten and SyncWord length
If the follwing registers are programmed, from higher bit of SYNC_WORD1[17:0] will be transmitted
sequencially.
[SYNC_WORD_LEN: B1 0x25]=0x12
SYNCWORD_SEL ([DATA_SET2: B0 0x08(4)]) = 0b0
If the following registers are programmed, from higher bit of SYNC_WORD2[23:0] will be transmitted
sequencially.
[SYNC_WORD_LEN: B1 0x25]=0x18
SYNCWORD_SEL ([DATA_SET2: B0 0x08(4)]) = 0b1
2) RX
By setting SYNCWORD_SEL and 2SW_DET_EN ([DATA_SET2: B0 0x08(4,3)]), One SyncWord pattern
waiting or two SyncWord patterns waiting can be selected as follows: Packet format automatic detection is
valid if 2SW_DET_EN=0b1 and Format A or Fromat B is selected by PKT_FORMAT[1:0] ([PKT_CTRL1:B0
0x04(1-0)]).
2SW_
DET_EN
SYNCWORD
_SEL
SyncWord pattern
During Sync
Detection
SyncWord
Detection
operation
Automatic
packet
format
detection
Data process after SyncWord
0
0
SYNC_WORD1[31:0]
Waiting for
1 pattern
no
Process according to each
Format setting
0
1
SYNC_WORD2[31:0]
Waiting for
1 pattern
no
Process according to each
Format setting
1
−
SYNC_WORD1[31:0]
SYNC_WORD2[31:0]
Waiting for
2 patterns
yes
[Format A or Format B setting]
If matched with SYNC_WORD1,
then process as Format A.
If matched with SYNC_WORD2,
then process as Format B.
[Format C setting]
Process as Format C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com