Electronic Components Datasheet Search
  English  ▼

X  

IR2111STR Datasheet(PDF) 3 Page - International Rectifier

Part # IR2111STR
Description  HALF-BRIDGE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2111STR Datasheet(HTML) 3 Page - International Rectifier

  IR2111STR Datasheet HTML 1Page - International Rectifier IR2111STR Datasheet HTML 2Page - International Rectifier IR2111STR Datasheet HTML 3Page - International Rectifier IR2111STR Datasheet HTML 4Page - International Rectifier IR2111STR Datasheet HTML 5Page - International Rectifier IR2111STR Datasheet HTML 6Page - International Rectifier IR2111STR Datasheet HTML 7Page - International Rectifier IR2111STR Datasheet HTML 8Page - International Rectifier IR2111STR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
IR2111(S)&(PbF)
www.irf.com
3
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
VIH
Logic “1” input voltage for HO & logic “0” for LO
6.4
—
—
VCC = 10V
9.5
—
—
VCC = 15V
12.6
—
—
VCC = 20V
VIL
Logic “0” input voltage for HO & logic “1” for LO
—
—
3.8
VCC = 10V
—
—
6.0
VCC = 15V
—
—
8.3
VCC = 20V
VOH
High level output voltage, VBIAS - VO
—
—
100
IO = 0A
VOL
Low level output voltage, VO
—
—
100
IO = 0A
ILK
Offset supply leakage current
—
—
50
VB = VS = 600V
IQBS
Quiescent VBS supply current
—
50
100
VIN = 0V or VCC
IQCC
Quiescent VCC supply current
—
70
180
VIN = 0V or VCC
IIN+
Logic “1” input bias current
—
30
50
VIN = VCC
IIN-
Logic “0” input bias current
—
—
1.0
VIN = 0V
VBSUV+
VBS supply undervoltage positive going threshold
7.6
8.6
9.6
VBSUV-
VBS supply undervoltage negative going threshold
7.2
8.2
9.2
VCCUV+
VCC supply undervoltage positive going threshold
7.6
8.6
9.6
VCCUV-
VCC supply undervoltage negative going threshold
7.2
8.2
9.2
IO+
Output high short circuit pulsed current
200
250
—
VO = 0V, VIN = VCC
PW
≤ 10 µs
IO-
Output low short circuit pulsed current
420
500
—
VO = 15V, VIN = 0V
PW
≤ 10 µs
Static Electrical Characteristics
VBIAS (VCC, VBS) = 15V and TA = 25°C unless otherwise specified. The VIN, VTH and IIN parameters are referenced to
COM. The VO and IO parameters are referenced to COM and are applicable to the respective output leads: HO or LO.
mV
mA
V
V
µA
Symbol
Definition
Min.
Typ. Max. Units Test Conditions
ton
Turn-on propagation delay
550
750
950
VS = 0V
toff
Turn-off propagation delay
—
150
180
VS = 600V
tr
Turn-on rise time
—
80
130
tf
Turn-off fall time
—
40
65
DT
Deadtime, LS turn-off to HS turn-on &
480
650
820
HS turn-off to LS turn-on
MT
Delay matching, HS & LS turn-on/off
—
30
—
Dynamic Electrical Characteristics
VBIAS (VCC, VBS) = 15V, CL = 1000 pF and TA = 25°C unless otherwise specified. The dynamic electrical characteristics
are measured using the test circuit shown in figure 3.
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com