Electronic Components Datasheet Search
  English  ▼

X  

IR2111STR Datasheet(PDF) 6 Page - International Rectifier

Part # IR2111STR
Description  HALF-BRIDGE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2111STR Datasheet(HTML) 6 Page - International Rectifier

Back Button IR2111STR Datasheet HTML 2Page - International Rectifier IR2111STR Datasheet HTML 3Page - International Rectifier IR2111STR Datasheet HTML 4Page - International Rectifier IR2111STR Datasheet HTML 5Page - International Rectifier IR2111STR Datasheet HTML 6Page - International Rectifier IR2111STR Datasheet HTML 7Page - International Rectifier IR2111STR Datasheet HTML 8Page - International Rectifier IR2111STR Datasheet HTML 9Page - International Rectifier IR2111STR Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
IR2111(S)&(PbF)
6
www.irf.com
0
50
100
150
200
250
300
350
400
-50
-25
0
25
50
75
100
125
Temperature (°C)
0
50
100
150
200
250
300
350
400
10
12
14
16
18
20
VBIAS Supply Voltage (V)
0
50
100
150
200
250
300
350
400
-50
-25
0
25
50
75
100
125
Tem perature (°C)
0
50
100
150
200
250
300
350
400
10
12
14
16
18
20
VBIAS Supply Voltage (V )
Figure 11B Turn-On Time vs Voltage
Figure 12A Turn-Off Time vs Temperature
Figure 11A Turn-On Time vs Temperature
Figure 12B Turn-Off Time vs Voltage
Figure 13A Turn-On RiseTime vs Temperature
Figure 13B Turn-On RiseTime vs Voltage
Max
Typ
Max
Typ
Max
Typ
Max
Typ
0
250
500
750
1000
1250
1500
-50
-25
0
25
50
75
100
125
Temperature (oC)
Typ.
Max.
Min.
0
250
500
750
1000
1250
1500
10
12
14
16
18
20
V BIA S Supply V oltage (V)
Typ.
Max.
Min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com