Electronic Components Datasheet Search
  English  ▼

X  

IR2111STR Datasheet(PDF) 1 Page - International Rectifier

Part # IR2111STR
Description  HALF-BRIDGE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2111STR Datasheet(HTML) 1 Page - International Rectifier

  IR2111STR Datasheet HTML 1Page - International Rectifier IR2111STR Datasheet HTML 2Page - International Rectifier IR2111STR Datasheet HTML 3Page - International Rectifier IR2111STR Datasheet HTML 4Page - International Rectifier IR2111STR Datasheet HTML 5Page - International Rectifier IR2111STR Datasheet HTML 6Page - International Rectifier IR2111STR Datasheet HTML 7Page - International Rectifier IR2111STR Datasheet HTML 8Page - International Rectifier IR2111STR Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Features
• Floating channel designed for bootstrap operation
Fully operational to +600V
Tolerant to negative transient voltage
dV/dt immune
• Gate drive supply range from 10 to 20V
• Undervoltage lockout for both channels
• CMOS Schmitt-triggered inputs with pull-down
• Matched propagation delay for both channels
• Internally set deadtime
• High side output in phase with input
• Also available LEAD-FREE
Typical Connection
Data Sheet No. PD60028-M
HALF-BRIDGE DRIVER
Product Summary
VOFFSET
600V max.
IO+/-
200 mA / 420 mA
VOUT
10 - 20V
ton/off (typ.)
750 & 150 ns
Deadtime (typ.)
650 ns
www.irf.com
1
IR2111(S)&(PbF)
V
CC
V
B
V
S
HO
LO
IN
COM
IN
up to 600V
TO
LOAD
V
CC
(Refer to Lead Assignments for correct pin configuration). This/These diagram(s) show electrical connections
only. Please refer to our Application Notes and DesignTips for proper circuit board layout.
Description
The IR2111(S) is a high voltage, high speed power
MOSFET and IGBT driver with dependent high and
low side referenced output channels designed for half-
bridge applications. Proprietary HVIC and latch
immune CMOS technologies enable ruggedized
monolithic construction. Logic input is compatible with
standard CMOS outputs. The output drivers feature a
high pulse current buffer stage designed for minimum
driver cross-conduction. Internal deadtime is provided
to avoid shoot-through in the output half-bridge. The
floating channel can be used to drive an N-channel
power MOSFET or IGBT in the high side configuration which operates up to 600 volts.
Packages
8-Lead PDIP
8-Lead SOIC


Similar Part No. - IR2111STR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2111STRPBF IRF-IR2111STRPBF Datasheet
155Kb / 15P
HALF-BRIDGE DRIVER
More results

Similar Description - IR2111STR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2608DSPBF IRF-IRS2608DSPBF_1 Datasheet
820Kb / 26P
HALF-BRIDGE DRIVER
IRS2609DSPBF IRF-IRS2609DSPBF_11 Datasheet
831Kb / 25P
HALF-BRIDGE DRIVER
IR25601SPBF IRF-IR25601SPBF Datasheet
520Kb / 11P
Half-Bridge Driver
IR25602SPBF IRF-IR25602SPBF Datasheet
1Mb / 18P
Half-Bridge Driver
IR2184STRPBF IRF-IR2184STRPBF Datasheet
294Kb / 24P
HALF-BRIDGE DRIVER
IR2304 IRF-IR2304 Datasheet
211Kb / 8P
HALF-BRIDGE DRIVER
IRS2103 IRF-IRS2103_15 Datasheet
1Mb / 14P
HALF-BRIDGE DRIVER
logo
HUAYI MICROELECTRONICS ...
HYD25050 HUAYI-HYD25050 Datasheet
1Mb / 9P
Half-Bridge Driver
logo
Infineon Technologies A...
IR2109 INFINEON-IR2109 Datasheet
357Kb / 25P
HALF-BRIDGE DRIVER
IR2111 INFINEON-IR2111 Datasheet
167Kb / 15P
HALF-BRIDGE DRIVER
Data Sheet No. PD60028-M
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com