Electronic Components Datasheet Search
  English  ▼

X  

IR2111STR Datasheet(PDF) 10 Page - International Rectifier

Part # IR2111STR
Description  HALF-BRIDGE DRIVER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR2111STR Datasheet(HTML) 10 Page - International Rectifier

Back Button IR2111STR Datasheet HTML 6Page - International Rectifier IR2111STR Datasheet HTML 7Page - International Rectifier IR2111STR Datasheet HTML 8Page - International Rectifier IR2111STR Datasheet HTML 9Page - International Rectifier IR2111STR Datasheet HTML 10Page - International Rectifier IR2111STR Datasheet HTML 11Page - International Rectifier IR2111STR Datasheet HTML 12Page - International Rectifier IR2111STR Datasheet HTML 13Page - International Rectifier IR2111STR Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
IR2111(S)&(PbF)
10
www.irf.com
Figure 23B Logic “1” Input Current vs VCC Voltage
Figure 24A. Logic “0” Input Current vs. Temperature
Figure 24B. Logic “0” Input Current vs. VCC Voltage
Figure 23A Logic “1” Input Current vs Temperature
0
1
2
3
4
5
-50
-25
0
25
50
75
100
125
Temperature (°C)
Max.
0
20
40
60
80
100
120
-50
-25
0
25
50
75
100
125
Temperature (°C)
0
20
40
60
80
100
120
10
12
14
16
18
20
VCC Supply Voltage (V)
Typ.
Max.
0
1
2
3
4
5
10
12
14
16
18
20
Max
.
VCC Supply Voltage (V)
6
7
8
9
10
11
12
-50
-25
0
25
50
75
10 0
12 5
Te m pe ratu re (°C )
Min.
Ty p.
Ma x.
Figure 25 VBS Undervoltage Threshold (+)
vsTemperature
Figure 26 VBS Undervoltage Threshold (-)
vsTemperature
6
7
8
9
10
11
12
-50
-25
0
25
50
75
100
125
Temperature (°C)
Min.
Typ.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com