Electronic Components Datasheet Search
  English  ▼

X  

HA16664AFP Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # HA16664AFP
Description  PWM Controlled Switching Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA16664AFP Datasheet(HTML) 4 Page - Hitachi Semiconductor

  HA16664AFP Datasheet HTML 1Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 2Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 3Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 4Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 5Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 6Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 7Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 8Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
HA16654A, HA16664A Series
4
Absolute Maximum Ratings (Ta = 25°C)
Item
Symbol
Rating
Unit
Notes
Power supply voltage
VIN
+40
V
Collector current (Push-pull)
IO
20
mA
Comparator input voltage
VCOM
Vref + 0.3
V
R
T input current
IRT
1mA
Power dissipation
PT
680
mW
1, 2
Operation temperature range
Topr
–20 to +85
°C
Storage temperature range
Tstg
–55 to 125
°C
Notes: 1. Ta
≤ 45°C, if Ta > 45°C, derate by 8.3 mW/°C
2. Tjmax =
θj–a • Pcmax + Ta (θj–a:Thermal resistance between junction and atmosphere at set
board use)
The wiring density and the material of the set board must be chosen for thermal conductance of
efficacy board.
Electrical Characteristics
HA16654APS/AFP (Ta = 25°C, V
IN = 20 V, CT = 220 pF, RT = 27 kΩ at f
500 kHz)
Voltage Reference
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Output voltage
Vref
4.75
5.00
5.25
V
Line regulation
Line
—
—
100
mV
VIN = 7.3 to 11 V
—10
25mV
VIN = 11 to 40 V
Load regulation
Load
—
5
16
mV
IO = 0 to 10 mA
Temperature stability
VRTC
—
–26
—
ppm/
°C
Short circuit current
IOS
10
35
—
mA
Vref = 0 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com