Electronic Components Datasheet Search
  English  ▼

X  

HA16664AFP Datasheet(PDF) 8 Page - Hitachi Semiconductor

Part # HA16664AFP
Description  PWM Controlled Switching Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA16664AFP Datasheet(HTML) 8 Page - Hitachi Semiconductor

Back Button HA16664AFP Datasheet HTML 4Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 5Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 6Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 7Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 8Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 9Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 10Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 11Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 12Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
HA16654A, HA16664A Series
8
A
11 k
Ω R1 27 kΩ
39 k
Ω R2
220 pF
EI
DB
G
RT
Vref VIN
GND
OUT
2SD667
2SB647
15
Ω
2,200 pF
Dummy Load
(MOS FET)
I CCL
I IN
I CCS
VIN
20
VIN
h
of 2SD667 and 2SD647 is defined as 60 min and 200 max
FE
Figure 4 I
CCS • ICCL Measurement Circuit
VIN
GND
OUT
2SD667
2SB647
15
Ω
2,200 pF
Output
Dummy Load
(MOS FET)
t r
t f
80%
20%
Figure 5 t
r • tf Measurement Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com