Electronic Components Datasheet Search
  English  ▼

X  

HA16664AFP Datasheet(PDF) 7 Page - Hitachi Semiconductor

Part # HA16664AFP
Description  PWM Controlled Switching Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA16664AFP Datasheet(HTML) 7 Page - Hitachi Semiconductor

Back Button HA16664AFP Datasheet HTML 3Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 4Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 5Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 6Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 7Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 8Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 9Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 10Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 11Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
HA16654A, HA16664A Series
7
Oscillator
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Maximum frequency
fmax
200
—
—
kHz
CT = 220 pF
Minimum frequency
fmin
—
—
100
kHz
CT = 560 pF
Initial accuracy
fdev
——
±10
%
Voltage stability
fav
—
–0.02
±1.0
kHz/V
V
IN = 11 to 40 V
PWM Comparator
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Maximum duty cycle
D
u
80
—
—
%
Duty cycle accuracy
D
dev
—
±1.0
±6%
R1 = 11 kΩ, R2 = 39 kΩ
Input bias current
IB
—
—
2.0
µAV
EI = 4 V, VDB = 0 V or
VEI = 0 V, VDB = 4 V
Output Driver
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Sink current at Vin low
IOS(Low)
1.0
1.5
—
mA
VIN = 6 V, VOUT = 0.4 V
Output low level
VOL
—
0.86
1.4
V
IO(sink) = 10 mA
Output high level
VOH
VIN – 2.2 —
—
V
IO(source) = 10 mA
Output rising time
tr
—
80
300
ns
Figure 5
Output falling time
tf
—
40
200
ns
Figure 5
High level threshold
VTHH
9
10
11
V
UVL characteristics
Low level threshold
VTHL
7.3
8
9
V
UVL characteristics
Hysteresis width
VHRS
1.5
2.0
2.5
V
UVL characteristics
Total Current
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Standby current
ICCS
—
1.5
2.0
mA
Figure 4
Operation current
VCCL
3.0
5.0
7.0
mA
R1 = 11 kΩ, R2 = 39 kΩ,
VIN = 20 V
Figure 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com