Electronic Components Datasheet Search
  English  ▼

X  

HA16664AFP Datasheet(PDF) 10 Page - Hitachi Semiconductor

Part # HA16664AFP
Description  PWM Controlled Switching Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HA16664AFP Datasheet(HTML) 10 Page - Hitachi Semiconductor

Back Button HA16664AFP Datasheet HTML 6Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 7Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 8Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 9Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 10Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 11Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 12Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 13Page - Hitachi Semiconductor HA16664AFP Datasheet HTML 14Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
HA16654A, HA16664A Series
10
0
0.6
0.7
0.8
0.9
100
90
80
70
60
50
40
30
20
10
Dead Band Voltage (V)
f
500 kHz
≅
f
300 kHz
≅
f
100 kHz
≅
V
= 20 V
IN
0
0.6
0.7
0.8
0.9
100
90
80
70
60
50
40
30
20
10
Dead Band Voltage (V)
f
200 kHz
≅
f
100 kHz
≅
V
= 20 V
IN
Pulse Duty Cycle vs.
Dead Band Voltage in PWM Comparator (HA16654A)
Pulse Duty Cycle vs.
Dead Band Voltage in PWM Comparator (HA16664A)
0
20
406080
–20
+10
0
–10
–20
Ambient Temperature Ta (
°C)
f
500 kHz
≅
R = 27 k
C = 220 pF
T
T
Ω
(
)
f
100 kHz
≅
R = 150 k
C = 330 pF
T
T
Ω
(
) f 300 kHz
≅
R = 56 k
C = 220 pF
T
T
Ω
(
)
0
20
406080
–20
+10
0
–10
–20
Ambient Temperature Ta (
°C)
f
100 kHz
≅
R = 150 k
C = 330 pF
T
T
Ω
(
)
R = 95 k
C = 220 pF
T
T
Ω
(
)
f
200 kHz
≅
∆f/f vs. Ambient Temperature (HA16654A)
∆f/f vs. Ambient Temperature (HA16664A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com