Electronic Components Datasheet Search
  English  ▼

X  

SBF1 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SBF1
Description  Compact modular self-contained photoelectric sensing controls
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SBF1 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SBF1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SBF1 Datasheet HTML 2Page - List of Unclassifed Manufacturers SBF1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SBF1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SBF1 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MULTI-BEAM sensors are made up of three components: scanner
block, power block, and logic module. This is true for all MULTI-
BEAMs with the exception of opposed mode emitter units which
require only a power block (no logic module).
The first decision in the component selection process is to determine
which family of MULTI-BEAM sensors is appropriate for the applica-
tion: 3- and 4-wire, or 2-wire.
Next, decide which scanner block (within the selected family) is best for
the application. The guidelines in the catalog introduction will help you
to determine the best sensing mode. Then narrow the choice by
comparing the specifications listed in the following charts and on the
pages referenced in the charts.
Finally, choose a power block and logic module to complete the
MULTI-BEAM assembly. Components snap together without inter-
wiring to form a complete photoelectric sensing system that meets your
exact requirements while maintaining the simplicity of a self-contained
sensor.
If you have any questions about selecting MULTI-BEAM components,
please contact your Banner sales engineer or call Banner's Applications
Department at (612) 544-3164 during normal business hours.
Scanner Blocks
Model
Sensing Mode
Range
Response
Page
SBE & SBR1
Opposed: high speed
150 feet
1 millisecond
p. 7
SBED & SBRD1
Opposed: high speed, narrow beam
10 feet
1 millisecond
p. 7
SBEX & SBRX1
Opposed: high power, long range
700 feet
10 milliseconds
p. 7
SBEV & SBRX1
Opposed: visible beam
100 feet
10 milliseconds
p. 7
SBEXD & SBRXD1
Opposed: high power, wide beam angle
30 feet
10 milliseconds
p. 7
SBLV1
Retroreflective: high speed, visible beam
30 feet
1 millisecond
p. 8
SBLVAG1
Retroreflective: polarized beam (anti-glare)
15 feet
1 millisecond
p. 8
SBL1
Retroreflective: high speed, infrared beam
30 feet
1 millisecond
p. 8
SBLX1
Retroreflective: high power, long range
100 feet
10 milliseconds
p. 8
SBD1
Diffuse (proximity): high speed
12 inches
1 millisecond
p. 9
SBDL1
Diffuse (proximity): medium range
24 inches
1 millisecond
p. 9
SBDX1
Diffuse (proximity): high power, long range
6 feet
10 milliseconds
p. 9
SBDX1MD
Diffuse (proximity): wide beam angle
24 inches
10 milliseconds
p. 9
SBCV1
Convergent beam: high speed, visible red
1.5-inch focus
1 millisecond
p. 10
SBCVG1
Convergent beam: high speed, visible green
1.5-inch focus
1 millisecond
p. 10
SBC1
Convergent beam: high speed, infrared
1.5-inch focus
1 millisecond
p. 10
SBC1-4
Convergent beam: high speed, infrared
4-inch focus
1 millisecond
p. 10
SBC1-6
Convergent beam: high speed, infrared
6-inch focus
1 millisecond
p. 10
SBCX1
Convergent beam: high power, infrared
1.5-inch focus
10 milliseconds
p. 10
SBCX1-4
Convergent beam: high power, infrared
4-inch focus
10 milliseconds
p. 10
SBCX1-6
Convergent beam: high power, infrared
6-inch focus
10 milliseconds
p. 10
SBEF & SBRF1
Opposed fiber optic (glass fibers): high speed
see specs
1 millisecond
p. 11
SBEXF & SBRXF1
Opposed fiber optic (glass fibers): high power
see specs
10 milliseconds
p. 11
SBFX1
Fiber optic (glass fibers): high power, infrared see specs
10 milliseconds
p. 11
SBF1
Fiber optic (glass fibers): high speed, infrared
see specs
1 millisecond
p. 12
SBF1MHS
Fiber optic (glass fibers): very high speed
see specs
0.3 millisecond
p. 12
SBFV1
Fiber optic (glass fibers): visible red
see specs
1 millisecond
p. 13
SBFVG1
Fiber optic (glass fibers): visible green
see specs
1 millisecond
p. 13
SBAR1
Ambient light receiver
see specs
10 milliseconds
p. 14
SBAR1GH
Ambient light receiver: high gain
see specs
10 milliseconds
p. 14
SBAR1GHF
Ambient light receiver: for glass fiber optics
see specs
10 milliseconds
p. 14
3- and 4-wire Systems (pages 6 through 23)
Upper Cover (lens)
(supplied with
Scanner Block)
Lower Cover
(supplied with
Scanner Block)
Logic
Timing
Adjustment
LIGHT/DARK
Operate Select
Power
Block
Wiring
Terminals
Scanner Block
Housing
Logic Module
Selection of MULTI-BEAM Components



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com