Electronic Components Datasheet Search
  English  ▼

X  

SBF1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SBF1
Description  Compact modular self-contained photoelectric sensing controls
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SBF1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SBF1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SBF1 Datasheet HTML 2Page - List of Unclassifed Manufacturers SBF1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SBF1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SBF1 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MULTI-BEAM 3- & 4-WIRE
SCANNER BLOCKS
DESCRIPTION
MULTI-BEAM 3- & 4-wire scanner blocks offer a complete comple-
ment of sensing modes. There are 3 or more models for each sensing
mode, resulting in a choice of exactly the right sensor for any applica-
tion. The high power models (10 millisecond response time) offer
greater optical sensing power than any other industrial sensors.
SPECIFICATIONS
SUPPLY VOLTAGE: input power and output connections are made
via a 3- or 4-wire power block (see pages 15 to 20).
RESPONSE TIME: 1 millisecond ON and OFF, except high gain
models with "X" suffix and ambient light receivers which are 10
milliseconds ON and OFF.
REPEATABILITY OF RESPONSE: see individual sensor specs.
SENSITIVITY ADJUSTMENT: easily accessible, located on top of
scanner block beneath o-ring gasketed screw cover. 15-turn clutched
control (rotate clockwise to increase gain).
ALIGNMENT INDICATOR: red LED on top of scanner block.
Banner's exclusive, patented Alignment Indicating Device (AID™)
circuit lights the LED whenever the sensor detects its own modulated
light source, and pulses the LED at a rate proportional to the received
light level.
CONSTRUCTION: reinforced VALOX® housing with components
totally encapsulated. Stainless steel hardware. Meets NEMA standards
1, 3, 12, and 13.
OPERATING TEMPERATURE RANGE:
-40 to +70 degrees C
(-40 to +158 degrees F).
VALOX® is a registered trademark of General Electric Company.
Functional Schematic, 3- and 4-wire Scanner Block
Dimensions, 3- and 4-wire Scanner Block



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com