Electronic Components Datasheet Search
  English  ▼

X  

SBF1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SBF1
Description  Compact modular self-contained photoelectric sensing controls
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SBF1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SBF1 Datasheet HTML 1Page - List of Unclassifed Manufacturers SBF1 Datasheet HTML 2Page - List of Unclassifed Manufacturers SBF1 Datasheet HTML 3Page - List of Unclassifed Manufacturers SBF1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SBF1 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MULTI-BEAM® Sensors
Compact modular self-contained photoelectric sensing controls
•
•
•
•
•
Modular design with interchangeable components (scanner
blocks, power blocks, and logic timing modules);
over 5,000 sensor configurations possible
Scanner blocks for opposed, retro, diffuse, convergent, and
fiber optic sensing modes (including high-gain models)
Power blocks for ac or dc operation, including 2-wire ac
operation
Logic modules to support a wide variety of delay, pulse, limit,
and rate sensing logic functions
Most scanner blocks include Banner's exclusive, patented
AID™ (Alignment Indicating Device) system, which lights a
top-mounted indicator LED whenever the sensor sees its
own modulated light source, and pulses the LED at a rate
proportional to the strength of the received light signal.
3.7"
(94 mm)
1.6"
(40 mm)
4.5"
(114 mm)
2.1" (53 mm)
Status Indicator LED
(except emitters)
Lens Centerline
Access to
Sensitivity Adjustment
2.36"
(60.0 mm)
0.30"
(7.6 mm)
0.20"
(5.1 mm)
5 mm (#10) Screw
Clearance (4)
1.18"
(30.0 mm)
1/2" – 14 NPSM
Conduit Entrance


Similar Part No. - SBF1

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
SBF10100CT SUNMATE-SBF10100CT Datasheet
2Mb / 2P
SCHOTTKY BARRIER RECTIFIERS
SBF10150CT SUNMATE-SBF10150CT Datasheet
2Mb / 2P
SCHOTTKY BARRIER RECTIFIERS
SBF10200CT SUNMATE-SBF10200CT Datasheet
2Mb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Chip Integration Techno...
SBF1040CT CITC-SBF1040CT Datasheet
97Kb / 3P
10A High Power Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
SBF1040CT SUNMATE-SBF1040CT Datasheet
2Mb / 2P
SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SBF1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2017 AD-SSM2017 Datasheet
243Kb / 8P
Self-Contained Audio Preamplifier
REV.C
SSM2019BRWZRL AD-SSM2019BRWZRL Datasheet
208Kb / 10P
Self-Contained Audio Preamplifier
REV. A
logo
List of Unclassifed Man...
QS18VP6DQ5 ETC2-QS18VP6DQ5 Datasheet
709Kb / 10P
Miniature self-contained photoelectric sensors in universal housing
SM312CVQD ETC2-SM312CVQD Datasheet
3Mb / 3P
Self-contained photoelectric sensors
logo
Analog Devices
AD612 AD-AD612_15 Datasheet
2Mb / 6P
Self-Contained HighPerformance
AD614 AD-AD614_15 Datasheet
2Mb / 6P
Self-Contained HighPerformance
SSM2017 AD-SSM2017_15 Datasheet
325Kb / 8P
Self-Contained Audio Preamplifier
REV. B
logo
List of Unclassifed Man...
QS18VP6RQ8 ETC2-QS18VP6RQ8 Datasheet
709Kb / 10P
Miniature self-contained photoelectric sensors in universal housing
logo
Texas Instruments
PT79SR100 TI1-PT79SR100_09 Datasheet
701Kb / 8P
Self-Contained Inductor
logo
Banner Engineering Corp...
Q12 BANNER-Q12 Datasheet
458Kb / 8P
Miniature self-contained photoelectric sensors in universal housing
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com